Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS7808QM Datasheet(PDF) 7 Page - Will Semiconductor Ltd.

Part # WS7808QM
Description  0.1GHz??GHz SP8TDiversityAntenna Switch with MIPI RFFE Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WS7808QM Datasheet(HTML) 7 Page - Will Semiconductor Ltd.

Back Button WS7808QM Datasheet HTML 3Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 4Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 5Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 6Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 7Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 8Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 9Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 10Page - Will Semiconductor Ltd. WS7808QM Datasheet HTML 11Page - Will Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
WS7808QM
Will Semiconductor Ltd.
Mar, 2018_V1.4
Power ON and OFF sequence
It is very important that the user adheres to the correct power-on/off sequence in order to avoid damaging the
device (Note 2).
Power ON
1) Apply voltage supply - VDD
2) Wait 100μs or greater and then apply logic supply - VIO
3) Wait 10μs or greater and then apply RFFE
4) Wait 5μs or greater after RFFE Trigger falling edge and then apply the RF Signal
Power OFF
1) Remove the RF Signal
2) Remove RFFE
3) Remove logic supply - VIO
4) Remove voltage supply - VDD
VDD
VDD
ON
VIO
ON
≥100us
VIO
Slave State
SDATA,SCLK
RF Signal
Shut Down
Start Up
Active
Shut Down
≥10us
REF
TRIGGER
RF
ON
VDD
OFF
RF
OFF
≥5us
≥100us
VIO
OFF
Note 2: VIO can be applied to the device after VDD or removed before VDD .
It is important to wait 10μs after VIO & VDD are applied
before sending SDATA to ensure correction data transmission. The minimum time between a power up and power down sequence (and
vice versa) is ≥ 100us.
Command Sequence Bit Definitions
Type
SSC
C11-C8
C7
C6-C5
C4
C3-C0
Parity
Bits
BPC
Extended Operation
DA7(1)-
DA0(1)
Parity
Bits
BPC
DA7(n)-
DA0(n)
Parity
Bits
BPC
Reg_0
Write
Y
SA[3:0]
1
Data[6:5]
Data[4]
Data{3:0]
Y
Y
-
-
-
-
-
-
Reg_1
Write
Y
SA[3:0]
0
10
Addr[4]
Data{3:0]
Y
-
Data[7:0]
-
-
-
Y
Y
Reg
Read
Y
SA[3:0]
0
11
Addr[4]
Data{3:0]
Y
Y
Data[7:0]
-
-
-
Y
Y
Legend:
SSC = Sequence start command
DA = Data/address frame bits
BC = Byte count (# of consecutive addresses)
C = Command frame bits
BPC = Bus park cycle


Similar Part No. - WS7808QM

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS7808Q WILLSEMI-WS7808Q Datasheet
1Mb / 6P
   0.1GHz ??3GHz SP8T Antenna Switch
WS7808Q-14/TR WILLSEMI-WS7808Q-14/TR Datasheet
1Mb / 6P
   0.1GHz ??3GHz SP8T Antenna Switch
WS7808QC WILLSEMI-WS7808QC Datasheet
307Kb / 6P
   0.1GHz ??3GHz SP8T Antenna Switch
WS7808QC-14/TR WILLSEMI-WS7808QC-14/TR Datasheet
307Kb / 6P
   0.1GHz ??3GHz SP8T Antenna Switch
WS7808QD WILLSEMI-WS7808QD Datasheet
1Mb / 14P
   0.1GHz ??3GHz DP8T Diversity Receive Antenna Switch
More results

Similar Description - WS7808QM

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
WS7804QM WILLSEMI-WS7804QM Datasheet
556Kb / 12P
   0.1GHz??GHz SP4T Diversity Antenna Switch with MIPI RFFE Interface
WS7806QM WILLSEMI-WS7806QM Datasheet
564Kb / 12P
   0.1GHz??GHz SP6T Diversity Antenna Switch with MIPI RFFE Interface
logo
Infineon Technologies A...
BGSX44MA12 INFINEON-BGSX44MA12 Datasheet
422Kb / 17P
   4P4T Rx Switch with MIPI RFFE Interface
Revision 2.2 2018-05-28
BGS16MN14 INFINEON-BGS16MN14 Datasheet
1Mb / 17P
   SP6T Diversity Antenna Switch with MIPI RFFE Interface
BGS18MN14 INFINEON-BGS18MN14 Datasheet
1Mb / 17P
   SP8T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - July 3, 2014
BGS110MN20 INFINEON-BGS110MN20 Datasheet
1Mb / 18P
   SP10T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.1 - June 23, 2016
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
   Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
BGS15M2A12 INFINEON-BGS15M2A12 Datasheet
1Mb / 17P
   SP5T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - 2016-02-22
BGSX24MU16 INFINEON-BGSX24MU16 Datasheet
730Kb / 20P
   DP4T Antenna Cross Switch with MIPI RFFE Control Interface
Revision 2.0 2019-09-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com