Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM30LV0064DJ40 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM30LV0064DJ40
Description  64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Flash Memory with UltraNAND Technology
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM30LV0064DJ40 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM30LV0064DJ40 Datasheet HTML 4Page - Advanced Micro Devices AM30LV0064DJ40 Datasheet HTML 5Page - Advanced Micro Devices AM30LV0064DJ40 Datasheet HTML 6Page - Advanced Micro Devices AM30LV0064DJ40 Datasheet HTML 7Page - Advanced Micro Devices AM30LV0064DJ40 Datasheet HTML 8Page - Advanced Micro Devices AM30LV0064DJ40 Datasheet HTML 9Page - Advanced Micro Devices AM30LV0064DJ40 Datasheet HTML 10Page - Advanced Micro Devices AM30LV0064DJ40 Datasheet HTML 11Page - Advanced Micro Devices AM30LV0064DJ40 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
Am30LV0064D
CONNECTION DIAGRAMS (Continued)
Note: The ball grid array is depopulated to 40 signal balls. The maximum package height is 1.2 mm. The 9 x 9 x 9 x 9 outrigger
balls (shaded) may be required for higher density devices in larger packages. The shaded ball region should be treated as a
“keep out” area with pads placed to allow larger devices to be accommodated.
Special Handling Instructions
Special handling is required for Flash Memory prod-
ucts in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compro-
mised if the package body is exposed to temperatures
above 150
°C for prolonged periods of time.
A
B
CDE
F
G
HJ
K
1
2
3
4
5
6
0.8
0.8
0.8
0.8
1.6
0.8
Ø0.400 mm 0.250 SMD, Ball = 0.3 mm
NC
VCC
NC
NC
NC
NC
NC
NC
VCCQ
NC
NC
CE#
RE# RY/BY# SE#
IO7
IO6
IO5
IO4
NC
NC
CLE
ALE
WE#
WP#
IO0
IO1
IO2
IO3
NC
NC
VSS
NC
NC
RFU
NC
NC
NC
VSS
NC
15 mm
40-Ball FBGA
Top View, Balls Facing Down


Similar Part No. - AM30LV0064DJ40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AM30 ALLIED-AM30 Datasheet
894Kb / 1P
   Axial Molded Inductors
logo
Knowles Electronics
AM30 KNOWLES-AM30 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Allied Components Inter...
AM30-100K-RC ALLIED-AM30-100K-RC Datasheet
889Kb / 1P
   Axial Molded Inductors
AM30-100K-RC ALLIED-AM30-100K-RC Datasheet
896Kb / 1P
   Axial Molded Inductors
AM30-100K-RC ALLIED-AM30-100K-RC Datasheet
894Kb / 1P
   Axial Molded Inductors
More results

Similar Description - AM30LV0064DJ40

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV065D AMD-AM29LV065D Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
AM29LV065D AMD-AM29LV065D_06 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIOTM Control
logo
SPANSION
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29LV008T AMD-AM29LV008T Datasheet
143Kb / 39P
   8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29LV008B AMD-AM29LV008B Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV008B AMD-AM29LV008B_06 Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640H SPANSION-AM29DL640H_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com