Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC2G00 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHC2G00
Description  The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC2G00 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC2G00 Datasheet HTML 5Page - NXP Semiconductors 74AHC2G00 Datasheet HTML 6Page - NXP Semiconductors 74AHC2G00 Datasheet HTML 7Page - NXP Semiconductors 74AHC2G00 Datasheet HTML 8Page - NXP Semiconductors 74AHC2G00 Datasheet HTML 9Page - NXP Semiconductors 74AHC2G00 Datasheet HTML 10Page - NXP Semiconductors 74AHC2G00 Datasheet HTML 11Page - NXP Semiconductors 74AHC2G00 Datasheet HTML 12Page - NXP Semiconductors 74AHC2G00 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2004 Jan 21
9
Philips Semiconductors
Product specification
2-input NAND gate
74AHC2G00; 74AHCT2G00
Type 74AHCT2G00
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb =25 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −50 µA
4.5
4.4
4.5
V
IO = −8.0 mA
4.5
3.94
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =50 µA
4.5
0
0.1
V
IO = 8.0 mA
4.5
−−
0.36
V
ILI
input leakage current
VI =VIH or VIL
5.5
−−
0.1
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0
5.5
−−
1.0
µA
∆ICC
additional quiescent supply
current per input pin
VI = 3.4 V; other inputs at
VCC or GND; IO =0
5.5
−−
1.35
mA
CI
input capacitance
1.5
10
pF
Tamb = −40 to +85 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −50 µA
4.5
4.4
−−
V
IO = −8.0 mA
4.5
3.8
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =50 µA
4.5
−−
0.1
V
IO = 8.0 mA
4.5
−−
0.44
V
ILI
input leakage current
VI =VIH or VIL
5.5
−−
1.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0
5.5
−−
10
µA
∆ICC
additional quiescent supply
current per input pin
VI = 3.4 V; other inputs at
VCC or GND; IO =0
5.5
−−
1.5
mA
CI
input capacitance
−−
10
pF


Similar Part No. - 74AHC2G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G00 NXP-74AHC2G00 Datasheet
90Kb / 14P
   Dual 2-input NAND gate
Rev. 02-12 January 2009
logo
Nexperia B.V. All right...
74AHC2G00 NEXPERIA-74AHC2G00 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
Rev. 5 - 7 March 2019
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
NXP Semiconductors
74AHC2G00DC NXP-74AHC2G00DC Datasheet
90Kb / 14P
   Dual 2-input NAND gate
Rev. 02-12 January 2009
logo
Nexperia B.V. All right...
74AHC2G00DC NEXPERIA-74AHC2G00DC Datasheet
211Kb / 11P
   Dual 2-input NAND gate
Rev. 5 - 7 March 2019
More results

Similar Description - 74AHC2G00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC3GU04 PHILIPS-74AHC3GU04 Datasheet
97Kb / 17P
   high-speed Si-gate CMOS device
Rev. 01-5 March 2004
logo
Unisonic Technologies
U74LVC1G66 UTC-U74LVC1G66 Datasheet
175Kb / 7P
   The U74LVC1G66 is a high-speed CMOS device.
logo
NXP Semiconductors
XC7SH04 PHILIPS-XC7SH04 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, inverting buffer
Rev. 01-1 September 2009
logo
Nexperia B.V. All right...
74AHC1GU04-Q100 NEXPERIA-74AHC1GU04-Q100 Datasheet
703Kb / 13P
   The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
logo
NXP Semiconductors
XC7SET32 PHILIPS-XC7SET32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-3 September 2009
XC7SH32 PHILIPS-XC7SH32 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input OR function
Rev. 01-2 September 2009
XC7SH02 PHILIPS-XC7SH02 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-7 September 2009
XC7SET02 PHILIPS-XC7SET02 Datasheet
73Kb / 11P
   High-speed Si-gate CMOS device, 2-input NOR function
Rev. 01-31 August 2009
XC7SH08 PHILIPS-XC7SH08 Datasheet
74Kb / 11P
   High-speed Si-gate CMOS device, 2-input AND function
Rev. 01-1 September 2009
XC7SHU04 PHILIPS-XC7SHU04 Datasheet
96Kb / 14P
   High-speed Si-gate CMOS device, inverting single stage function
Rev. 01-7 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com