Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WAS4731Q Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # WAS4731Q
Description  3:1 High speed (-3dB bandwidth 1.8GHz) Switch with Mobile High-Definition Link (MHL)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WAS4731Q Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  WAS4731Q Datasheet HTML 1Page - Will Semiconductor Ltd. WAS4731Q Datasheet HTML 2Page - Will Semiconductor Ltd. WAS4731Q Datasheet HTML 3Page - Will Semiconductor Ltd. WAS4731Q Datasheet HTML 4Page - Will Semiconductor Ltd. WAS4731Q Datasheet HTML 5Page - Will Semiconductor Ltd. WAS4731Q Datasheet HTML 6Page - Will Semiconductor Ltd. WAS4731Q Datasheet HTML 7Page - Will Semiconductor Ltd. WAS4731Q Datasheet HTML 8Page - Will Semiconductor Ltd. WAS4731Q Datasheet HTML 9Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
WAS4731Q
Will Semiconductor Ltd.
4
Dec, 2017 - Rev. 1.0
Absolute maximum ratings
Parameter
Symbol
Value
Unit
Supply voltage range
VCC
-0.5 ~ 6.5
V
Data input/output voltage range
VDATA
-0.5 ~ 6.5
V
Select input voltage range
VSEL
-0.5 ~ 6.5
V
Continues output current
IOUT
± 60
mA
Junction temperature range
TJ
150
oC
Lead temperature range
TL
260
oC
Storage temperature range
TSTG
-65 ~ 150
oC
Thermal resistance
RθJA
250
oC/W
ESD protection (HBM)
MIL-STD-883H Method 3015.8
I/O to GND
6
kV
I/O to I/O
3
kV
Recommend operating ratings
Parameter
Symbol
Value
Unit
Supply voltage range
VCC
2.3 ~ 5.5
V
Data input/output voltage range
VDATA
0.0 ~ 3.6
V
Select input voltage range
VSEL
0.0 ~ VCC
V
Operating temperature range
TA
-40 ~ 85
oC


Similar Part No. - WAS4731Q

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WAS4732D WILLSEMI-WAS4732D Datasheet
306Kb / 7P
   MIC/GND Cross-point Switch for EU/US Headphone Compatible Application
WAS4732D-6/TR WILLSEMI-WAS4732D-6/TR Datasheet
306Kb / 7P
   MIC/GND Cross-point Switch for EU/US Headphone Compatible Application
WAS4735Q WILLSEMI-WAS4735Q Datasheet
446Kb / 7P
   4:1 High speed (-3dB bandwidth 1.2GHz) Switch
WAS4735Q-16/TR WILLSEMI-WAS4735Q-16/TR Datasheet
446Kb / 7P
   4:1 High speed (-3dB bandwidth 1.2GHz) Switch
WAS4736B WILLSEMI-WAS4736B Datasheet
360Kb / 7P
   MIC/GND Cross-point Switch for CITA and OMTP Mobile Audio Key Application
More results

Similar Description - WAS4731Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3200 FAIRCHILD-FSA3200 Datasheet
780Kb / 13P
   Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
FSA3031 FAIRCHILD-FSA3031 Datasheet
1Mb / 3P
   Dual High-Speed USB2.0 with Mobile High-Definition Link (MHL??
logo
Silicon image
SII9222 SILICONIMAGE-SII9222 Datasheet
136Kb / 2P
   Mobile High-Definition Link (MHL) Technology Transmitter
logo
Fairchild Semiconductor
FSA3230 FAIRCHILD-FSA3230 Datasheet
445Kb / 3P
   High-Speed USB2.0 / Mobile High- Definition Link (MHL?? with Negative Swing Audio
logo
Texas Instruments
TS3USB3000 TI-TS3USB3000 Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
[Old version datasheet]   DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
logo
ON Semiconductor
FSA3030 ONSEMI-FSA3030 Datasheet
501Kb / 14P
   High-Speed USB2.0/Mobile High- Definition Link
July 2016 Rev. 1.12
FSA3031 ONSEMI-FSA3031 Datasheet
870Kb / 15P
   Dual High-Speed USB2.0 with Mobile High-Definition Link
November 2012 Rev. 1.0.4
logo
Texas Instruments
TS3USB3000 TI1-TS3USB3000_15 Datasheet
1Mb / 26P
[Old version datasheet]   DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
TS3USB3200 TI1-TS3USB3200 Datasheet
2Mb / 21P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com