Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WAS4729QB Datasheet(PDF) 9 Page - Will Semiconductor Ltd.

Part # WAS4729QB
Description  Low On Resistance (0.8廓) Dual SPDT Analog Switch with Negative Swing Audio Capability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WAS4729QB Datasheet(HTML) 9 Page - Will Semiconductor Ltd.

  WAS4729QB Datasheet HTML 1Page - Will Semiconductor Ltd. WAS4729QB Datasheet HTML 2Page - Will Semiconductor Ltd. WAS4729QB Datasheet HTML 3Page - Will Semiconductor Ltd. WAS4729QB Datasheet HTML 4Page - Will Semiconductor Ltd. WAS4729QB Datasheet HTML 5Page - Will Semiconductor Ltd. WAS4729QB Datasheet HTML 6Page - Will Semiconductor Ltd. WAS4729QB Datasheet HTML 7Page - Will Semiconductor Ltd. WAS4729QB Datasheet HTML 8Page - Will Semiconductor Ltd. WAS4729QB Datasheet HTML 9Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
WAS4729QB
Will Semiconductor Ltd.
9
Jan, 2018 - Rev. 1.1
TAPE AND REEL INFORMATION
Reel Dimensions
Tape Dimensions
Quadrant Assignments For PIN1 Orientation In Tape
RD
Reel Dimension
W
Overall width of the carrier tape
P1
Pitch between successive cavity centers
Pin1
Pin1 Quadrant
User Direction of Feed
Reel Dimensions
P1
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
7inch
13inch
8mm
12mm
2mm
4mm
8mm
Q1
Q2
Q3
Q4


Similar Part No. - WAS4729QB

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WAS4723Q WILLSEMI-WAS4723Q Datasheet
558Kb / 9P
   Low On Resistance, Dual SPDT Analog Switch
WAS4723Q-10/TR WILLSEMI-WAS4723Q-10/TR Datasheet
558Kb / 9P
   Low On Resistance, Dual SPDT Analog Switch
WAS4728Q WILLSEMI-WAS4728Q Datasheet
558Kb / 9P
   Low On Resistance Dual SPDT Analog Switch
WAS4728Q-10/TR WILLSEMI-WAS4728Q-10/TR Datasheet
558Kb / 9P
   Low On Resistance Dual SPDT Analog Switch
More results

Similar Description - WAS4729QB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2269 FAIRCHILD-FSA2269_08 Datasheet
409Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2270T FAIRCHILD-FSA2270T_08 Datasheet
410Kb / 2P
   Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2271 FAIRCHILD-FSA2271 Datasheet
151Kb / 2P
   Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2270 FAIRCHILD-FSA2270 Datasheet
155Kb / 2P
   Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2271T FAIRCHILD-FSA2271T_08 Datasheet
448Kb / 2P
   Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
   Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
   0.45 ?? Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com