Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3612-007 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSDL-3612-007
Description  IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3612-007 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3612-007 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3612-007 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3612-007 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3612-007 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3612-007 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3612-007 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3612-007 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3612-007 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3612-007 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Electrical & Optical Specifications
Specifications hold over the Recommended Operating Conditions unless otherwise noted. Unspecified test conditions
can be anywhere in their operating range. All typical values are at 25
°C and 3.3 V unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Receiver
Receiver
Logic Low[7]
VOL
0
-
0.4
V
IOL = 1.0 mA,
Data Output
EI
≥ 3.6 µW/cm2,
Voltage
θ1/2 ≤ 15°
Logic High
VOH
VCC – 0.2 -
VCC
VIOH = –20 µA,
EI
≤ 0.3 µW/cm2,
θ1/2 ≤ 15°
Viewing Angle
2
θ1/2
30
°
Logic High Receiver Input
EIH
0.0036
500
mW/cm2
For in-band signals
Irradiance
115.2 kb/s[8]
Logic Low Receiver Input
EIL
0.3
µW/cm2
For in-band signals[8]
Irradiance
Receiver Peak Sensitivity
λP
880
nm
Wavelength
Receiver SIR Pulse Width
tpw (SIR)
1
4.0
µs
θ1/2 ≤ 15°[9], CL= 10 pF
Receiver Latency Time
tL
20
50
µs
Receiver Rise/Fall Times
tr/f (RXD)
25
ns
Receiver Wake Up Time
tW
100
µs
[10]
Notes:
7. Logic Low is a pulsed response. The condition is maintained for duration dependent on pattern and strength of the incident intensity.
8. An in-band optical signal is a pulse/sequence where the peak wavelength, lp, is defined as 850
≤ lp ≤ 900 nm, and the pulse characteristics are
compliant with the IrDA Serial Infrared Physical Layer Link Specification.
9. For in-band signals
≤ 115.2 kb/s where 3.6 µW/cm2 ≤ EI ≤ 500 mW/cm2.
10. Wake Up Time is the time between the transition from a shutdown state to an active state and the time when the receiver is active and ready
to receive infrared signals.


Similar Part No. - HSDL-3612-007

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3612-007 LITEON-HSDL-3612-007 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
More results

Similar Description - HSDL-3612-007

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com