Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5116100S Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HM5116100S
Description  16M FP DRAM (16-Mword x 1-bit) 4k Refresh
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5116100S Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HM5116100S Datasheet HTML 1Page - Hitachi Semiconductor HM5116100S Datasheet HTML 2Page - Hitachi Semiconductor HM5116100S Datasheet HTML 3Page - Hitachi Semiconductor HM5116100S Datasheet HTML 4Page - Hitachi Semiconductor HM5116100S Datasheet HTML 5Page - Hitachi Semiconductor HM5116100S Datasheet HTML 6Page - Hitachi Semiconductor HM5116100S Datasheet HTML 7Page - Hitachi Semiconductor HM5116100S Datasheet HTML 8Page - Hitachi Semiconductor HM5116100S Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
HM5116100 Series
5
DC Characteristics (Ta = 0 to +70
°C, V
CC = 5 V ± 10%, VSS = 0 V)
HM5116100
-6
-7
Parameter
Symbol
Min
Max
Min
Max
Unit
Test conditions
Operating current
*1, *2
I
CC1
80
70
mA
t
RC = min
Standby current
I
CC2
2
2
mA
TTL interface
RAS, CAS = V
IH
Dout = High-Z
1
1
mA
CMOS interface
RAS, CAS
≥ V
CC – 0.2V
Dout = High-Z
RAS-only refresh current*2
I
CC3
80
70
mA
t
RC = min
Standby current
*1
I
CC5
—5
5
mA
RAS = V
IH, CAS = VIL
Dout = enable
CAS-before-RAS refresh current
I
CC6
80
70
mA
t
RC = min
Fast page mode current
*1, *3
I
CC7
70
60
mA
t
PC = min
Input leakage current
I
LI
–10
10
–10
10
µA
0 V
≤ Vin ≤ 7 V
Output leakage current
I
LO
–10
10
–10
10
µA
0 V
≤ Vout ≤ 7 V
Dout = disable
Output high voltage
V
OH
2.4
V
CC
2.4
V
CC
V
High Iout = –5 mA
Output low voltage
V
OL
0
0.4
0
0.4
V
Low Iout = 4.2 mA
Notes: 1. I
CC depends on output load condition when the device is selected.
I
CC max is specified at the
output open condition.
2. Address can be changed once or less while
RAS = V
IL.
3. Address can be changed once or less while
CAS = V
IH.
Capacitance (Ta = 25
°C, V
CC = 5 V ± 10%)
Parameter
Symbol
Typ
Max
Unit
Notes
Input capacitance (Address, Data-in)
C
I1
5
pF
1
Input capacitance (Clocks)
C
I2
7
pF
1
Output capacitance (Data-out)
C
O
7
pF
1, 2
Notes: 1. Capacitance measured with Booton Meter or effective capacitance measuring method.
2.
CAS = V
IH to disable Dout.


Similar Part No. - HM5116100S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5116160J-5 HITACHI-HM5116160J-5 Datasheet
1Mb / 33P
   1048576-word x 16-bit Dynamic RAM
HM5116160J-6 HITACHI-HM5116160J-6 Datasheet
1Mb / 33P
   1048576-word x 16-bit Dynamic RAM
HM5116160J-7 HITACHI-HM5116160J-7 Datasheet
1Mb / 33P
   1048576-word x 16-bit Dynamic RAM
HM5116160LJ-5 HITACHI-HM5116160LJ-5 Datasheet
1Mb / 33P
   1048576-word x 16-bit Dynamic RAM
HM5116160LJ-6 HITACHI-HM5116160LJ-6 Datasheet
1Mb / 33P
   1048576-word x 16-bit Dynamic RAM
More results

Similar Description - HM5116100S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com