Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR3506 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BR3506
Description  35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BR3506 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BR3506 Datasheet HTML 1Page - List of Unclassifed Manufacturers BR3506 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Reformatted by Anglia 9901
RATING AND CHARACTERISTIC CURVES
KBPC3500/BR350 SERIES
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
FIG 3 : TYPICAL FORWARD
CHARACTERISTICS PER ELEMENT
0.6
0.8
1.0
1.2
1.4
1.6
100
10
1
0.1
TJ = 25°C
Pulse Width = 300µs
FIG 4 : TYPICAL REVERSE
CHARACTERISTICS PER ELEMENT
PERCENT OF RATED PEAK
REVERSE VOLTAGE
.01
0.1
1.0
20
40
60
80 100 120 140
0
10
50
100
500
TJ = 25°C
TJ = 125°C
60
100
400
FIG 1 : MAXIMUM NON-REPETITIVE
SURGE CURRENT PER ELEMENT
1
10
100
NUMBER OF CYCLES AT 60Hz
300
200
150
8.3ms Single Half Sine Wave
TJ =125°C
CASE TEMPERATURE °C
20
40
60
80
100
120
140
Resistive or
Inductive
Load
10
20
25
30
35
0
5
15
FIG 2 : DERATING CURVE FOR
RECTIFIED OUTPUT CURRENT
E-MAIL: info@angliac.com
WEB: www.angliac.com


Similar Part No. - BR3506

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BR3506 EIC-BR3506 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR3506 NJSEMI-BR3506 Datasheet
161Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
BR3506 BILIN-BR3506 Datasheet
77Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
BR3506 HY-BR3506 Datasheet
402Kb / 3P
   Silicon Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
BR3506 BILIN-BR3506 Datasheet
72Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - BR3506

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBL0 ETC-KBL0 Datasheet
123Kb / 2P
   4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC100 ETC-KBPC100 Datasheet
119Kb / 2P
   3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC2500-BR250 ETC-KBPC2500-BR250 Datasheet
124Kb / 2P
   25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
3PB35 EDAL-3PB35 Datasheet
126Kb / 1P
   Three Phase 35 Amp Silicon Bridge Rectifier
logo
List of Unclassifed Man...
WL005M ETC1-WL005M Datasheet
89Kb / 2P
   1.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
2KBP005M NJSEMI-2KBP005M Datasheet
119Kb / 1P
   2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com