Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM785841P Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM785841P
Description  8-BIT MICRO-CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM785841P Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM785841P Datasheet HTML 4Page - ELAN Microelectronics Corp EM785841P Datasheet HTML 5Page - ELAN Microelectronics Corp EM785841P Datasheet HTML 6Page - ELAN Microelectronics Corp EM785841P Datasheet HTML 7Page - ELAN Microelectronics Corp EM785841P Datasheet HTML 8Page - ELAN Microelectronics Corp EM785841P Datasheet HTML 9Page - ELAN Microelectronics Corp EM785841P Datasheet HTML 10Page - ELAN Microelectronics Corp EM785841P Datasheet HTML 11Page - ELAN Microelectronics Corp EM785841P Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
EM785840/5841/5842
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
6
2004/11/10
V1.2
VII. Functional Descriptions
VII.1 Operational Registers
Register configuration
R PAGE registers
Addr R PAGE0
R PAGE1
R PAGE2
R PAGE3
00
Indirect addressing
01
TCC
02
PC
03
Page, Status
04
RAM bank, RSR
05
Program ROM page
PWM control
06
Port6 I/O data
Duty of PWM1
07
Port7 I/O data
ADC MSB output
data
PWM1 control
Duty of PWM1
08
Period of PWM1
09
Port9 I/O data
Duty of PWM2
0A
PLL, Main clock,
WDTE
PWM2 control
Duty of PWM2
0B
ADC
output
data
buffer
Period of PWM2
0C
PortC I/O data
Counter1 data
0D
0E
Interrupt flag
0F
Interrupt flag
10
:
1F
16 bytes
Common registers
20
Bank0
Bank1
Bank2
Bank3
:
Common registers
3F
(32x8
for
each
bank)
*Address 00~0F with page0~page3 are special registers. Address 10~1F are global with general purpose memory. By
execute MOV instruction, MCU can read or write these register directly and RAM bank select bits (RB1, RB0 in R4
page0) will be ignored. Address 20~ 3F are general purpose RAM too, but user must indicate the bank number before
access data.


Similar Part No. - EM785841P

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM785830AA EMC-EM785830AA Datasheet
396Kb / 43P
   8-BIT MICRO-CONTROLLER
EM785830AAM EMC-EM785830AAM Datasheet
396Kb / 43P
   8-BIT MICRO-CONTROLLER
EM785830AAP EMC-EM785830AAP Datasheet
396Kb / 43P
   8-BIT MICRO-CONTROLLER
EM785830AD EMC-EM785830AD Datasheet
463Kb / 49P
   8-BIT MICRO-CONTROLLER
EM785830ADQ EMC-EM785830ADQ Datasheet
463Kb / 49P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM785841P

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com