Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM785841M Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM785841M
Description  8-BIT MICRO-CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM785841M Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM785841M Datasheet HTML 1Page - ELAN Microelectronics Corp EM785841M Datasheet HTML 2Page - ELAN Microelectronics Corp EM785841M Datasheet HTML 3Page - ELAN Microelectronics Corp EM785841M Datasheet HTML 4Page - ELAN Microelectronics Corp EM785841M Datasheet HTML 5Page - ELAN Microelectronics Corp EM785841M Datasheet HTML 6Page - ELAN Microelectronics Corp EM785841M Datasheet HTML 7Page - ELAN Microelectronics Corp EM785841M Datasheet HTML 8Page - ELAN Microelectronics Corp EM785841M Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
EM785840/5841/5842
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
2
2004/11/10
V1.2
I. General Description
The EM785840 series are 8-bit RISC type microprocessor with low power, high speed CMOS technology. There
are 4Kx13 bits ROM within it. This integrated single chip has an on_chip watchdog timer (WDT), RAM, programmable
real time clock/counter, internal interrupt, power down mode, dual PWM (Pulse Width Modulation), 8-channel 10-bit
A/D converter and tri-state I/O.
II. Feature
CPU
· Operating voltage : 2.2V~5.5V at main CLK less then 3.58MHz.
Main CLK(Hz)
Under 3.58M
14.3M
Operating Voltage(min)
2.2V
3.6V
•4k x 13 on chip mask ROM
•144 x 8 on chip general propose RAM
•Up to 21 bi-directional and 1 input only general purpose I/O (For 24 pin package)
•8 level stack for subroutine nesting
•8-bit real time clock/counter (TCC)
•One 8-bit counter interrupt
•On-chip watchdog timer (WDT)
•99.9% single instruction cycle commands
•Four action modes in Crystal mode (Main clock can be programmed to 3.58M or 14.3M Hz)
Mode
CPU status
Main clock
32.768kHz clock status
Sleep mode
Turn off
Turn off
Turn off
Green mode
Turn on
Turn off
Turn on
Normal mode
Turn on
Turn on
Turn on
•2 level Normal mode frequency: 3.58M and 14.3MHz.
•Input port interrupt function
•Dual clocks operation (Internal PLL main clock , External 32.768KHz)
Operating frequency mode
•Crystal mode (XIN,XOUT pin connect external crystal and capacitance)
•ERIC mode (ERCI pin connect resister to VDD)
•IRC mode
PWM
•Dual PWM (Pulse Width Modulation) with 10-bit resolution
•Programmable period (or baud rate)
•Programmable duty cycle
ADC
· Operating : 2.5V∼5.5V
Converter Rate
74.6K
37.4K
18.7K
9.3K
Operating Voltage(min)
3.5V
3.0V
2.5V
2.5V
· 8 channel 10-bit successive approximation A/D converter
· Internal (VDD) reference voltage
POR
· Power-on reset
PACKAGE
EM785840M
18 pin SOP, EM785841M
20 pin SOP, EM785842M
24 pin SOP
EM785840P
18 pin PDIP, EM785841P
20 pin PDIP, EM785842P
24 pin PDIP


Similar Part No. - EM785841M

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM785830AA EMC-EM785830AA Datasheet
396Kb / 43P
   8-BIT MICRO-CONTROLLER
EM785830AAM EMC-EM785830AAM Datasheet
396Kb / 43P
   8-BIT MICRO-CONTROLLER
EM785830AAP EMC-EM785830AAP Datasheet
396Kb / 43P
   8-BIT MICRO-CONTROLLER
EM785830AD EMC-EM785830AD Datasheet
463Kb / 49P
   8-BIT MICRO-CONTROLLER
EM785830ADQ EMC-EM785830ADQ Datasheet
463Kb / 49P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM785841M

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com