Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM785841 Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM785841
Description  8-BIT MICRO-CONTROLLER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM785841 Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM785841 Datasheet HTML 6Page - ELAN Microelectronics Corp EM785841 Datasheet HTML 7Page - ELAN Microelectronics Corp EM785841 Datasheet HTML 8Page - ELAN Microelectronics Corp EM785841 Datasheet HTML 9Page - ELAN Microelectronics Corp EM785841 Datasheet HTML 10Page - ELAN Microelectronics Corp EM785841 Datasheet HTML 11Page - ELAN Microelectronics Corp EM785841 Datasheet HTML 12Page - ELAN Microelectronics Corp EM785841 Datasheet HTML 13Page - ELAN Microelectronics Corp EM785841 Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
EM785840/5841/5842
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
8
2004/11/10
V1.2
"MOV R2, A" allows the loading of an address from the A register to the PC, and the ninth and tenth bits are
cleared to "0''.
"ADD R2,A" allows a relative address be added to the current PC, and contents of the ninth and tenth bits are
cleared to "0''.
"TBL" allows a relative address added to the current PC, and contents of the ninth and tenth bits don't change.
The most significant bit (A10~A11) will be loaded with the contents of bit PS0~PS1 in the status register (R5
PAGE0) upon the execution of a "JMP'', "CALL'', "ADD R2, A'', or "MOV R2, A'' instruction.
If an interrupt is triggered, PROGRAM ROM will jump to address 0x08 at page0. The CPU will store ACC,
R3 status and R5 PAGE automatically, and they will be restored after instruction RETI.
A11 A10
A9 A8
A7~A0
0 0
PAGE0 00000~003FF
0 1
PAGE1 00400~007FF
1 0
PAGE2 00800~00BFF
STACK1
STACK2
STACK5
STACK4
STACK3
STACK6
STACK8
STACK7
CALL
and
INTERRUPT
RET
RETL
RETI
ACC,R3,R5(PAGE)
R5(PAGE)
store
restore
1 1
PAGE3 00C00~00FFF
Fig.3 Program counter organization
R3 (Status, Page selection)
(Status flag, Page selection bits)
7
6
5
4
3
2
1
0
RPAGE1
RPAGE0
IOCPAGE
T
P
Z
DC
C
R/W-0
R/W-0
R/W-0
R
R
R/W
R/W
R/W
Bit 0(C) : Carry flag
Bit 1(DC) : Auxiliary carry flag
Bit 2(Z) : Zero flag
Bit 3(P) : Power down bit
Set to 1 during power on or by a "WDTC" command and reset to 0 by a "SLEP" command.
Bit 4(T) : Time-out bit
Set to 1 by the "SLEP" and "WDTC" command, or during power up and reset to 0 by WDT timeout.
EVENT
T
P
REMARK
WDT wake up from sleep mode
0
0
WDT time out (not sleep mode)
0
1
/RESET wake up from sleep
1
0
Power up
1
1
Low pulse on /RESET
x
X
x : don't care
Bit 5(IOCPAGE) : change IOC5 ~ IOCE to another page
Please refer to Fig.4 control register configuration for details.
0/1
IOC page0 / IOC page1


Similar Part No. - EM785841

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM785830AA EMC-EM785830AA Datasheet
396Kb / 43P
   8-BIT MICRO-CONTROLLER
EM785830AAM EMC-EM785830AAM Datasheet
396Kb / 43P
   8-BIT MICRO-CONTROLLER
EM785830AAP EMC-EM785830AAP Datasheet
396Kb / 43P
   8-BIT MICRO-CONTROLLER
EM785830AD EMC-EM785830AD Datasheet
463Kb / 49P
   8-BIT MICRO-CONTROLLER
EM785830ADQ EMC-EM785830ADQ Datasheet
463Kb / 49P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM785841

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com