Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9457501MEA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9457501MEA
Description  LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9457501MEA Datasheet(HTML) 4 Page - Texas Instruments

  5962-9457501MEA Datasheet HTML 1Page - Texas Instruments 5962-9457501MEA Datasheet HTML 2Page - Texas Instruments 5962-9457501MEA Datasheet HTML 3Page - Texas Instruments 5962-9457501MEA Datasheet HTML 4Page - Texas Instruments 5962-9457501MEA Datasheet HTML 5Page - Texas Instruments 5962-9457501MEA Datasheet HTML 6Page - Texas Instruments 5962-9457501MEA Datasheet HTML 7Page - Texas Instruments 5962-9457501MEA Datasheet HTML 8Page - Texas Instruments 5962-9457501MEA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
UCC1806
UCC2806
UCC3806
SLUS272C − FEBRUARY 2000 − REVISED JUNE 2003
4
www.ti.com
ELECTRICAL CHARACTERISTICS
VIN = 12 V, RT = 33 kΩ, CT = 330 pF, CBYPASS on VREF = 0.01 µF, −55°C < TA < 125°C for the UCC1806, −40°C < TA < 85°C for the
UCC2806, 0
°C < TA < 70°C for the UCC3806, and TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR (continued)
IDCHG
Discharge current
TJ = 25°C,
VCT = 2.0 V
2
mA
VOL
Low-level output voltage, SYNC
IOUT = 1 mA
0.4
VOH
High-level output voltage, SYNC
IOUT = −4 mA
2.4
V
VIL
Low-level input voltage, SYNC
VCT = 0 V,
VRT = VREF
0.8
V
VIH
High-level input voltage, SYNC
VCT = 0 V,
VRT = VREF
2.0
ISYNC
Input current, SYNC
−1
1
µA
ERROR AMPLIFIER
Input offset voltage
UCC1806
UCC2806
5
mV
Input offset voltage
UCC3806
10
mV
IBIAS
Input bias current
−1
µA
IOFSET
Input offset current
500
nA
CMR
Common mode range(1)
0
VIN−2
V
AVOL
Open loop gain
1 V
≤ VOUT ≤ 4 V
80
100
dB
GBW
bandwidth
1
MHz
ICOMP_SINK Output sink current
VID < −20 mV,
VCOMP = 1 V
1
mA
ICOMP_SRC Output source current
VID < 20 mV,
VCOMP = 3 V
−80
−120
µA
VCOMP_L
Low-level output voltage
VID = −50 mV
0.5
V
VCOMP_H
High-level output voltage
VID = −50 mV
4.5
V
CURRENT SENSE AMPLIFIER
A
Amplifier gain(3)(4)
VCS− = 0 V,
VCURLIM = VREF
2.75
3.00
3.35
V/V
Maximum differential input signal (VCS+
− VCS−)
VCURLIM = VNI = VREF,
VINV = 0V
1.1
V
Input offset voltage
UCC1806
UCC2806
VCURLIM = 0.5 V, VCOMP = OPEN
10
30
µA
Input offset voltage
UCC3806
VCURLIM = 0.5 V, VCOMP = OPEN
10
50
mV
CMRR
Common mode rejection ratio
0 V
≤ VCM ≤ (VIN − 3.5 V)
60
dB
PSRR
Power supply rejection ratio
56
dB
IBIAS
Input bias current (3)
VCURLIM = 0.5 V, VCOMP = OPEN
−1
µA
Input offset current (3)
VCURLIM = 0.5 V, VCOMP = OPEN
1
µA
Delay-to-output time (5)
VNI = VREF,
VINV = 0 V,
VCURLIM = 2.75 V,
(VCS+ − VCS−) = 0 V to 1.5 V step
125
175
ns
CURRENT LIMIT ADJUST
Current limit offset
VCS− = VCS+ = 0 V,VCOMP = OPEN
0.4
0.5
0.6
V
IBIAS
Input bias current
1
Minimum latching current
300
200
µA
Maximum non-latching current
200
80
µA
(1)
Line range = 10 V to 15 V, load range = 0.2 mA to 5 mA
(2)
Ensured by design. Not production tested.


Similar Part No. - 5962-9457501MEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9457501MEA TI1-5962-9457501MEA Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
5962-9457501MEA TI1-5962-9457501MEA Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results

Similar Description - 5962-9457501MEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Texas Instruments
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com