Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3806Q Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3806Q
Description  LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3806Q Datasheet(HTML) 2 Page - Texas Instruments

  UCC3806Q Datasheet HTML 1Page - Texas Instruments UCC3806Q Datasheet HTML 2Page - Texas Instruments UCC3806Q Datasheet HTML 3Page - Texas Instruments UCC3806Q Datasheet HTML 4Page - Texas Instruments UCC3806Q Datasheet HTML 5Page - Texas Instruments UCC3806Q Datasheet HTML 6Page - Texas Instruments UCC3806Q Datasheet HTML 7Page - Texas Instruments UCC3806Q Datasheet HTML 8Page - Texas Instruments UCC3806Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
UCC1806
UCC2806
UCC3806
SLUS272C − FEBRUARY 2000 − REVISED JUNE 2003
2
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UCx806
UNIT
Supply voltage, VIN
VIN, low impedance
15
V
Supply current, IIN
VIN, high impedance
25
mA
Output supply voltage
VC
18
V
Continuous source or sink
± 200
Output current
Gate drive
± 500
mA
Output current
SYNC
± 30
mA
COMP
± 10 to −(self-limiting)
Analog input voltage range
CS−, CS+, NI, INV, SHUTDOWN
−0.3 to (VIN + 0.3)
V
Storage temperature, Tstg
−65 to 150
°C
Operating temperature, TJ
−55 to 150
°C
Lead temperature, Tsol, 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages are with respect to
GND. Currents are positive into and negative out of, the specified terminal.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Input voltage, VIN
8.0
14.5
V
UCC1806
−55
125
Operating junction temperature, TJ
UCC2806
−40
85
°C
Operating junction temperature, TJ
UCC3806
0
70
C
PACKAGE DESCRIPTION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CURLIM
VREF
CS−
CS+
NI
INV
COMP
CT
SHUTDOWN
VIN
BOUT
VC
GND
AOUT
SYNC
RT
D, DW, J, M, N OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
BOUT
VC
N/C
GND
AOUT
CS−
CS+
N/C
NI
INV
Q OR L PACKAGE
(TOP VIEW)
N/C − No connection


Similar Part No. - UCC3806Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3806Q TI1-UCC3806Q Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC3806Q TI1-UCC3806Q Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC3806QG3 TI1-UCC3806QG3 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC3806QG3 TI1-UCC3806QG3 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC3806QTR TI1-UCC3806QTR Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC3806Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Texas Instruments
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com