Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU3N50C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQU3N50C
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU3N50C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQU3N50C Datasheet HTML 1Page - Fairchild Semiconductor FQU3N50C Datasheet HTML 2Page - Fairchild Semiconductor FQU3N50C Datasheet HTML 3Page - Fairchild Semiconductor FQU3N50C Datasheet HTML 4Page - Fairchild Semiconductor FQU3N50C Datasheet HTML 5Page - Fairchild Semiconductor FQU3N50C Datasheet HTML 6Page - Fairchild Semiconductor FQU3N50C Datasheet HTML 7Page - Fairchild Semiconductor FQU3N50C Datasheet HTML 8Page - Fairchild Semiconductor FQU3N50C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQD3N50C/FQU3N50C Rev. A
QFET®
FQD3N50C/FQU3N50C
500V N-Channel MOSFET
Features
• 2.5 A, 500 V, RDS(on) = 2.5 Ω @ VGS = 10 V
• Low gate charge ( typical 10 nC )
• Low Crss ( typical 8.5 pF)
• Fast switching
• 100 % avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect transis-
tors are produced using Fairchild’s proprietary, planar stripe,
DMOS technology.
This advanced technology has been especially tailored to mini-
mize on-state resistance, provide superior switching perfor-
mance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high effi-
ciency switched mode power supplies, active power factor cor-
rection, electronic lamp ballasts based on half bridge topology.
Absolute Maximum Ratings
Thermal Characteristics
* When mounted on the minimum pad size recommended (PCB Mount)
S
D
G
I-PAK
FQU Series
D-PAK
FQD Series
GS
D
GS
D
Symbol
Parameter
FQD3N50C/FQU3N50C
Units
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
2.5
A
- Continuous (TC = 100°C)
1.5
A
IDM
Drain Current
- Pulsed
(Note 1)
10
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
200
mJ
IAR
Avalanche Current
(Note 1)
2.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
3.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
35
W
- Derate above 25°C
0.28
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
3.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient*
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W


Similar Part No. - FQU3N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU3N50C FAIRCHILD-FQU3N50C Datasheet
907Kb / 9P
   500V N-Channel MOSFET
FQU3N50C FAIRCHILD-FQU3N50C Datasheet
900Kb / 9P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQU3N50C ISC-FQU3N50C Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQU3N50CTU FAIRCHILD-FQU3N50CTU Datasheet
907Kb / 9P
   500V N-Channel MOSFET
FQU3N50CTU FAIRCHILD-FQU3N50CTU Datasheet
900Kb / 9P
   500V N-Channel MOSFET
More results

Similar Description - FQU3N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com