Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93LC66CXIPG Datasheet(PDF) 9 Page - Microchip Technology

Part # 93LC66CXIPG
Description  4K Microwire Compatible Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66CXIPG Datasheet(HTML) 9 Page - Microchip Technology

Back Button 93LC66CXIPG Datasheet HTML 5Page - Microchip Technology 93LC66CXIPG Datasheet HTML 6Page - Microchip Technology 93LC66CXIPG Datasheet HTML 7Page - Microchip Technology 93LC66CXIPG Datasheet HTML 8Page - Microchip Technology 93LC66CXIPG Datasheet HTML 9Page - Microchip Technology 93LC66CXIPG Datasheet HTML 10Page - Microchip Technology 93LC66CXIPG Datasheet HTML 11Page - Microchip Technology 93LC66CXIPG Datasheet HTML 12Page - Microchip Technology 93LC66CXIPG Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2003 Microchip Technology Inc.
DS21795B-page 9
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
2.8
WRITE
The WRITE instruction is followed by 8 bits (If ORG is
low or A-version devices) or 16 bits (If ORG pin is high
or B-version devices) of data which are written into the
specified address. For 93AA66A/B/C and 93LC66A/B/C
devices, after the last data bit is clocked into DI, the
falling edge of CS initiates the self-timed auto-erase and
programming cycle. For 93C66A/B/C devices, the self-
timed auto-erase and programming cycle is initiated by
the rising edge of CLK on the last data bit.
The DO pin indicates the READY/BUSY status of the
device, if CS is brought high after a minimum of 250 ns
low (TCSL). DO at logical ‘0’ indicates that programming
is still in progress. DO at logical ‘1’ indicates that the
register at the specified address has been written with
the data specified and the device is ready for another
instruction.
Note:
Issuing a Start bit and then taking CS low
will clear the READY/BUSY status from
DO.
FIGURE 2-8:
WRITE TIMING FOR 93AA AND 93LC DEVICES
FIGURE 2-9:
WRITE TIMING FOR 93C DEVICES
CS
CLK
DI
DO
1
0
1An
•••
A0
Dx
•••
D0
BUSY
READY
HIGH-Z
HIGH-Z
Twc
TCSL
TCZ
TSV
CS
CLK
DI
DO
1
0
1An
•••
A0
Dx
•••
D0
BUSY
READY
HIGH-Z
HIGH-Z
Twc
TCSL
TCZ
TSV


Similar Part No. - 93LC66CXIPG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66CX-E/MC MICROCHIP-93LC66CX-E/MC Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93LC66CX-E/MCG MICROCHIP-93LC66CX-E/MCG Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93LC66CX-E/MS MICROCHIP-93LC66CX-E/MS Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93LC66CX-E/MSG MICROCHIP-93LC66CX-E/MSG Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93LC66CX-E/OT MICROCHIP-93LC66CX-E/OT Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
More results

Similar Description - 93LC66CXIPG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
   4K Microwire Compatible Serial EEPROM
07/28/03
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1997
93LC66A MICROCHIP-93LC66A Datasheet
225Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1998 - 2000
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com