Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP01401 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # XP01401
Description  Silicon PNP epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP01401 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  XP01401 Datasheet HTML 1Page - Panasonic Semiconductor XP01401 Datasheet HTML 2Page - Panasonic Semiconductor XP01401 Datasheet HTML 3Page - Panasonic Semiconductor XP01401 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Publication date: February 2004
SJJ00145BED
Composite Transistors
XP01401 (XP1401)
Silicon PNP epitaxial planar type
For general amplification
■ Features
• Two elements incorporated into one package
(Emitter-coupled transistors)
• Reduction of the mounting area and assembly cost by one half
■ Basic Part Number
• 2SB0709A (2SB709A) × 2
■ Absolute Maximum Ratings T
a
= 25°C
Unit: mm
Internal Connection
Marking Symbol: 5V
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−60
V
Collector-emitter voltage (Base open)
VCEO
−50
V
Emitter-base voltage (Collector open)
VEBO
−7V
Collector current
IC
−100
mA
Peak collector current
ICP
−200
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Ratio between 2 elements
Tr2
Tr1
123
4
5
Note) The part number in the parenthesis shows conventional part number.
■ Electrical Characteristics T
a
= 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−60
V
Collector-emitter voltage (Base open)
VCEO
IC
= −2 mA, I
B
= 0
−50
V
Emitter-base voltage (Collector open)
VEBO
IE = −10 µA, IC = 0
−7V
Collector-base cutoff current (Emitter open)
ICBO
VCB = −20 V, IE = 0
− 0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE
= −10 V, I
B
= 0
−100
µA
Forward current transfer ratio
hFE
VCE = −10 V, IC = −2 mA
160
460
hFE ratio *
hFE(Small/
VCE = −10 V, IC = −2 mA
0.50
0.99
Large)
Collector-emitter saturation voltage
VCE(sat)
IC = −100 mA, IB = −10 mA
− 0.3
− 0.5
V
Transition frequency
fT
VCB
= −10 V, I
E
= 1 mA, f = 200 MHz
80
MHz
Collector output capacitance
Cob
VCB
= −10 V, I
E
= 0, f = 1 MHz
2.7
pF
(Common base, input open circuited)
1: Base (Tr1)
4: Collector (Tr2)
2: Emitter
5: Collector (Tr1)
3: Base (Tr2)
EIAJ: SC-88A
SMini5-G1 Package
1
3
2
0.20±0.05
1.3±0.1
2.0±0.1
54
(0.65) (0.65)
0.12
+0.05
–0.02
10˚


Similar Part No. - XP01401

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XP0140P E-SWITCH-XP0140P Datasheet
28Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - XP01401

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com