Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2913 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2913 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments UCC2913 Datasheet HTML 10Page - Texas Instruments UCC2913 Datasheet HTML 11Page - Texas Instruments UCC2913 Datasheet HTML 12Page - Texas Instruments UCC2913 Datasheet HTML 13Page - Texas Instruments UCC2913 Datasheet HTML 14Page - Texas Instruments UCC2913 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
11
www.ti.com
APPLICATION INFORMATION
Once tSTART is calculated, the power limit feature of the UCCx913 must be addressed and component values
derived. Assuming the designer chooses to limit the maximum allowable average power that is associated with
the circuit breaker, the power limiting resistor, RPL, can be easily determined by the following:
R
PL +
P
FET(avg)
1
mA
I
MAX
where a minimum RPL exists defined by
R
PL(min) +
|VSS|
10mA
Finally, after computing the aforementioned variables, the minimum timing capacitor can be derived for a current
source load with the following equation.
C
T(min) +
t
START
98
mA
R
PL ) |VSS| * 10 V
4V
R
PL
The minimum timing capacitor can be derived for a resistive load with the following equation.
C
T(min) +
t
START
49
mA
R
PL ) |VSS| * 5V * IMAX
R
OUT ) ROUT
C
OUT
|VSS|
2V
R
PL
Figure 4. Possible Level Shift Circuitry Interface
UDG–99003
SHUTDOWN
SD/FLT
7
R4
R3
VSS
LEVEL SHIFT
LOCAL VDD
LOCAL GND
FAULT OUT
UCC2913
UCC3913
0
2.5
0
75
5.0
10.0
7.5
12.5
17.5
15.0
20.0
25.0
22.5
25
50
100
175
125
150
200
Figure 5
IMAX = 4 A
RPL =
VFET – MOSFET Voltage– V
AVERAGE POWER DISSIPATION
vs
MOSFET VOLTAGE
RPL = 10 MΩ
RPL = 5 MΩ
RPL = 2 MΩ
RPL = 1 MΩ
RPL = 500 kΩ
RPL = 200 kΩ
(16)
(17)
(18)
(19)


Similar Part No. - UCC2913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2913 TI-UCC2913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC2913 TI1-UCC2913 Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2913D TI1-UCC2913D Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2913DG4 TI1-UCC2913DG4 Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2913DTR TI1-UCC2913DTR Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
More results

Similar Description - UCC2913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC2913 TI1-UCC2913_15 Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3923 TI-UCC3923 Datasheet
148Kb / 10P
[Old version datasheet]   HIGH-VOLTAGE HOT-SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com