Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS151DAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS151DAR
Description  MuxIt SERIALIZER-TRANSMITTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS151DAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDS151DAR Datasheet HTML 7Page - Texas Instruments SN65LVDS151DAR Datasheet HTML 8Page - Texas Instruments SN65LVDS151DAR Datasheet HTML 9Page - Texas Instruments SN65LVDS151DAR Datasheet HTML 10Page - Texas Instruments SN65LVDS151DAR Datasheet HTML 11Page - Texas Instruments SN65LVDS151DAR Datasheet HTML 12Page - Texas Instruments SN65LVDS151DAR Datasheet HTML 13Page - Texas Instruments SN65LVDS151DAR Datasheet HTML 14Page - Texas Instruments SN65LVDS151DAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SN65LVDS151
MuxIt
™ SERIALIZER-TRANSMITTER
SLLS444A – DECEMBER 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Propagation delay time MCI
↑ to DO↑
TA ≤ 25°C
3
5
5.8
ns
td(1)
Propagation delay time, MCI
↑ to DO↑
TA = 85°C
3
5
6.1
ns
t
Propagation delay time MCI
↑ to DO↓
TA ≤ 25°C
RL = 100 Ω, CL = 10 pF,
3
5
5.8
ns
td(2)
Propagation delay time, MCI
↑ to DO↓
TA = 85°C
RL = 100 Ω, CL = 10 F,
See Figure 9
3
5
6.1
ns
t
Propagation delay time MCI
↑ to LCO↑
TA ≤ 25°C
g
3
5
5.8
ns
td(3)
Propagation delay time, MCI
↑ to LCO↑
TA = 85°C
3
5
6.1
ns
tr
Differential output signal rise time
0.3
0.8
1.5
ns
tf
Differential output signal fall time
RL = 100 Ω, CL = 10 pF,
0.3
0.8
1.5
ns
tsk(p)
Pulse skew (| tPHL – tPLH|), DO
RL = 100 Ω, CL = 10 F,
See Figure 10
–250
0
250
ps
tsk(pp)
Part-to-part output skew, Do
g
0
2.3
ns
tsk(
ω)
Multiple-frequency skew, LCO
↑ to DO↑ or DO↓
See Figure 11
–250
0
250
ps
tPZL
Propagation delay time, high-impedance to low-level
EN i
t t DO
3
20
ns
tPLZ
Propagation delay time, low-level to high-impedance
EN input to DO,
LCO output See Figure 12
3
10
ns
tPHZ
Propagation delay time, high-level to high-impedance
LCO output, See Figure 12
4
10
ns


Similar Part No. - SN65LVDS151DAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS151DAG4 TI1-SN65LVDS151DAG4 Datasheet
183Kb / 13P
[Old version datasheet]   MuxIt SERIALIZER-TRANSMITTER
More results

Similar Description - SN65LVDS151DAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS151 TI1-SN65LVDS151_08 Datasheet
183Kb / 13P
[Old version datasheet]   MuxIt SERIALIZER-TRANSMITTER
logo
Rohm
BU8254KVT ROHM-BU8254KVT Datasheet
944Kb / 20P
   35bit LVDS Transmitter 35:5 Serializer
BU7988KVT ROHM-BU7988KVT Datasheet
952Kb / 27P
   56bit LVDS Transmitter 56:8 Serializer
logo
Texas Instruments
SN65LVDS150 TI1-SN65LVDS150_09 Datasheet
378Kb / 18P
[Old version datasheet]   MuxIt PLL FREQUENCY MULTIPLIER
SN65LVDS152 TI-SN65LVDS152 Datasheet
244Kb / 17P
[Old version datasheet]   MuxIt RECEIVER-DESERIALIZER
SN65LVDS150 TI-SN65LVDS150 Datasheet
257Kb / 16P
[Old version datasheet]   MuxIt-TM PLL FREQUENCY MULTIPLIER
logo
Aeroflex Circuit Techno...
UT54LVDS217 AEROFLEX-UT54LVDS217 Datasheet
118Kb / 14P
   Serializer
logo
Maxim Integrated Produc...
MAX31910 MAXIM-MAX31910 Datasheet
766Kb / 16P
   Translator/Serializer
Rev 3; 7/14
logo
List of Unclassifed Man...
GS9022 ETC-GS9022 Datasheet
160Kb / 7P
   Digital Video Serializer
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com