Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM82C37B-5VJS Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM82C37B-5VJS
Description  PROGRAMMABLE DMA CONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C37B-5VJS Datasheet(HTML) 2 Page - OKI electronic componets

  MSM82C37B-5VJS Datasheet HTML 1Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 2Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 3Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 4Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 5Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 6Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 7Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 8Page - OKI electronic componets MSM82C37B-5VJS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2/33
¡ Semiconductor
MSM82C37B-5RS/GS/VJS
PIN CONFIGURATION (TOP VIEW)
40 pin Plastic DIP
16
15
14
13
IOR
MEMR
MEMW
READY
HLDA
ADSTB
AEN
HRQ
CS
20
19
18
17
GND
A7
A6
A5
A4
A3
EOP
A2
A1
A0
DB0
DB1
DB2
DB3
DB4
DACK0
1
2
3
4
5
6
7
8
9
10
11
12
32
31
30
29
28
27
26
37
38
39
40
36
35
34
33
25
DACK1
DB5
DB6
DB7
24
23
22
21
VCC (+5 V)
DREQ0
DREQ1
DREQ2
IOW
NC
DREQ3
DACK3
DACK2
RESET
CLK
44 pin Plastic QFP
VCC
33
32
31
30
29
28
27
A3
A2
A1
A0
NC
DB0
READY
HLDA
ADSTB
AEN
HRQ
NC
CS
1
2
3
4
5
6
7
26
25
24
23
DB1
DB2
DB3
CLK
RESET
DACK2
DACK3
8
9
10
11
DB4
39
38
37
36
35
34
33
NC
A3
A2
A1
A0
DB4
DB0
NC
READY
HLDA
ADSTB
AEN
HRQ
CS
7
8
9
10
11
12
13
32
31
30
29
DB1
DB2
DB3
CLK
RESET
DACK2
NC
14
15
16
17
VCC
44 pin Plastic QFJ


Similar Part No. - MSM82C37B-5VJS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C43 OKI-MSM82C43 Datasheet
90Kb / 13P
   INPUT/OUTPUT PORT EXPANDER
MSM82C51A-2GS OKI-MSM82C51A-2GS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C51A-2JS OKI-MSM82C51A-2JS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C51A-2RS OKI-MSM82C51A-2RS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C53-2GS OKI-MSM82C53-2GS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
More results

Similar Description - MSM82C37B-5VJS

ManufacturerPart #DatasheetDescription
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
   PROGRAMMABLE DMA CONTROLLER
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
   PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
InnovASIC, Inc
IA8237 INNOVASIC-IA8237 Datasheet
50Kb / 4P
   Programmable DMA Controller
logo
Altera Corporation
M-CAS-C8237 ALTERA-M-CAS-C8237 Datasheet
404Kb / 5P
   PROGRAMMABLE DMA CONTROLLER ALTERA CORE
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com