Electronic Components Datasheet Search |
|
HZM3.6NB1 Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
HZM3.6NB1 Datasheet(HTML) 5 Page - Renesas Technology Corp |
5 / 8 page HZM-N Series Rev.5.00, Decl.14.2004, page 5 of 7 Mark Code Type Grade Mark No. Type Grade Mark No. Type Grade Mark No. HZM2.0N B 2 0 – B1 6 2 1 B1 1 3 1 HZM2.2N B 2 2 – B2 6 2 2 B2 1 3 2 HZM2.4N B 2 4 – HZM6.2N B3 6 2 3 HZM13N B3 1 3 3 B1 2 7 1 B1 6 8 1 B1 1 5 1 HZM2.7N B2 2 7 2 B2 6 8 2 B2 1 5 2 B1 3 0 1 HZM6.8N B3 6 8 3 HZM15N B3 1 5 3 HZM3.0N B2 3 0 2 B1 7 5 1 B1 1 6 1 B1 3 3 1 B2 7 5 2 B2 1 6 2 HZM3.3N B2 3 3 2 HZM7.5N B3 7 5 3 HZM16N B3 1 6 3 B1 3 6 1 B1 8 2 1 B1 1 8 1 HZM3.6N B2 3 6 2 B2 8 2 2 B2 1 8 2 B1 3 9 1 HZM8.2N B3 8 2 3 HZM18N B3 1 8 3 HZM3.9N B2 3 9 2 B1 9 1 1 B1 2 0 1 B1 4 3 1 B2 9 1 2 B2 2 0 2 B2 4 3 2 HZM9.1N B3 9 1 3 HZM20N B3 2 0 3 HZM4.3N B3 4 3 3 B1 1 0 1 B1 2 2 1 B1 4 7 1 B2 1 0 2 B2 2 2 2 B2 4 7 2 HZM10N B3 1 0 3 HZM22N B3 2 2 3 HZM4.7N B3 4 7 3 B1 1 1 1 B1 2 4 1 B1 5 1 1 B2 1 1 2 B2 2 4 2 B2 5 1 2 HZM11N B3 1 1 3 HZM24N B3 2 4 3 HZM5.1N B3 5 1 3 B1 1 2 1 HZM27N B 2 7 – B1 5 6 1 B2 1 2 2 HZM30N B 3 0 – B2 5 6 2 HZM12N B3 1 2 3 HZM33N B 3 3 – HZM5.6N B3 5 6 3 HZM36N B 3 6 – Example of Marking 2. Two grade type (B1, B2) HZM3.0NB2 302 301 HZM3.0NB1 3. Three grade type (B1, B2, B3) HZM4.3NB2 432 431 HZM4.3NB1 HZM4.3NB3 433 Notes: 1. 2. 3. The grade B type includes from B1 min. to B3 (or B2) max. B grade is standard and has better delivery, These are marked one of B1, B2, B3. Ordering P/N HZM-N series are delivered taped (TL/TR). Choose one taping code and adhere to parts No. Example: HZM2.0NBTL (or TR), HZM2.2NBTL (or TR), HZM36NBTL (or TR). (Grade B type) HZM2.7NB1TL (or TR), HZM2.7NB2TL (or TR), HZM24NB3TL (or TR). (Grade B1, B2, B3 type) 1. One grade type (grade type B) HZM30NB 30 - - Underline 20 - HZM2.0NB |
Similar Part No. - HZM3.6NB1 |
|
Similar Description - HZM3.6NB1 |