Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1913EDH Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI1913EDH
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1913EDH Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1913EDH Datasheet HTML 1Page - Vishay Siliconix SI1913EDH Datasheet HTML 2Page - Vishay Siliconix SI1913EDH Datasheet HTML 3Page - Vishay Siliconix SI1913EDH Datasheet HTML 4Page - Vishay Siliconix SI1913EDH Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si1913EDH
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71415
S-03175—Rev. A, 05-Mar-01
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
–0.15
–0.10
–0.05
–0.00
0.05
0.10
0.15
0.20
0.25
0.30
–50
–25
0
25
50
75
100
125
150
ID = 100 mA
1.0
1.2
0.0
0.4
0.8
1.2
1.6
0
1234
5
0.1
1
2
ID = 0.88 A
0
0.2
0.6
0.8
Threshold Voltage
TJ – Temperature (_C)
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
0
1
5
Single Pulse Power, Junction-to-Ambient
Time (sec)
3
4
10–3
10–2
1
10
600
10–1
10–4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 170_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1
600
10
0.1
0.01
TJ = 25_C
2
TJ = 150_C
0.4
100


Similar Part No. - SI1913EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1913EDH VISHAY-SI1913EDH Datasheet
73Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
S-03175-Rev. A, 05-Mar-01
SI1913EDH VISHAY-SI1913EDH Datasheet
121Kb / 6P
   Dual P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1913EDH VISHAY-SI1913EDH_08 Datasheet
73Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
S-03175-Rev. A, 05-Mar-01
SI1913EDH VISHAY-SI1913EDH_V01 Datasheet
121Kb / 6P
   Dual P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1913EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com