Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G910T22T Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G910T22T
Description  3.3V 400mA/250mA Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G910T22T Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G910T22T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G910T22T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G910T22T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G910T22T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G910T22T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G910T22T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G910T22T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G910T22T Datasheet HTML 8Page - Global Mixed-mode Technology Inc G910T22T Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ver: 6.6
Sep 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G910/G911
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN=5V , CIN=1µF , COUT =10µF, TA=25°C , unless otherwise noted.)
Ch1: Vout (offset=3.30V)
Ch1: Iout (400mA/div)
Ch2: Vin (offset=5.0V)
Ch2: Vout (offset=3.30V)
Iout=100mA
Ground Current vs. Load Current
Line Transient
Load Transient
Output Voltage vs. Load Current
Dropout Voltage vs. Load Current
3.27
3.28
3.29
3.3
3.31
3.32
3.33
3.34
0
100
200
300
400
500
600
Load Current (mA)
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
100
200
300
400
Load Current (mA)
0
100
200
300
400
500
600
700
800
0
100
200
300
400
Load Current (mA)


Similar Part No. - G910T22T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G910T21U GMT-G910T21U Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G910T21UF GMT-G910T21UF Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
More results

Similar Description - G910T22T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G911 GMT-G911_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_06 Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com