Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSF595MNR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLSF595MNR2
Description  Serial (SPI) Tri-Color LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF595MNR2 Datasheet(HTML) 5 Page - ON Semiconductor

  NLSF595MNR2 Datasheet HTML 1Page - ON Semiconductor NLSF595MNR2 Datasheet HTML 2Page - ON Semiconductor NLSF595MNR2 Datasheet HTML 3Page - ON Semiconductor NLSF595MNR2 Datasheet HTML 4Page - ON Semiconductor NLSF595MNR2 Datasheet HTML 5Page - ON Semiconductor NLSF595MNR2 Datasheet HTML 6Page - ON Semiconductor NLSF595MNR2 Datasheet HTML 7Page - ON Semiconductor NLSF595MNR2 Datasheet HTML 8Page - ON Semiconductor NLSF595MNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NLSF595
http://onsemi.com
5
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA = ≤ 85°C
TA = ≤ 125°C
Symbol
Parameter
Test Conditions
VCC
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High−Level Input
Voltage
2.0
3.0
4.5
5.5
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
V
VIL
Maximum Low−Level Input
Voltage
2.0
3.0
4.5
5.5
0.59
0.9
1.35
1.65
0.59
0.9
1.35
1.65
0.59
0.9
1.35
1.65
V
VOH
Minimum High−Level
Serial Output Only
Output Voltage
V
V
or V
VIN = VIH or VIL
IOH = − 50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
g
VIN = VIH or VIL
VIN = VIH or VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
VOL
Maximum Low−Level Output
Voltage
VIN = VIH or VIL
IOL = 50 mA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
IN
IH
IL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
VOL2
Maximum Low−Level Output
Voltage with Max. Load
VIN = VIH or VIL
IOL = 20 mA
IOL = 25 mA
3.0
4.5
0.8
0.5
1.0
0.6
1.1
0.7
1.25
0.8
V
IIN
Maximum Input Leakage
Current
VIN = 5.5 V or
GND
0 to 5.5
$0.1
±1.0
$1.0
mA
ICC
Maximum Quiescent Supply
Current
VIN = VCC or GND
5.5
4.0
40.0
40.0
mA
IOZ
Three−State Output Off−State
Current
QA−QH
VIN = VIH or VIL
VOUT = VCC or
GND
5.5
±0.25
±2.5
$2.5
mA
ILKG
Active (2) State Off Output
Leakage Current
QA−QH
VIN = VIH or VIL
VOUT = VCC or
GND
5.5
±0.25
±2.5
$2.5
mA
IOFF
Power Off
Output Leakage
All Outputs
VIN = 0 or 5.5 V
VOUT = 5.5 V
0
±0.25
±2.5
$2.5
mA


Similar Part No. - NLSF595MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF595MNR2 ONSEMI-NLSF595MNR2 Datasheet
143Kb / 14P
   Serial (SPI) Tri-Color LED Driver
July, 2005 ??Rev. 8
NLSF595MNR2G ONSEMI-NLSF595MNR2G Datasheet
143Kb / 14P
   Serial (SPI) Tri-Color LED Driver
July, 2005 ??Rev. 8
NLSF595MNR2G ONSEMI-NLSF595MNR2G Datasheet
163Kb / 14P
   Serial (SPI) Tri-Color LED Driver
June, 2011 ??Rev. 9
More results

Similar Description - NLSF595MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSF595 ONSEMI-NLSF595_05 Datasheet
143Kb / 14P
   Serial (SPI) Tri-Color LED Driver
July, 2005 ??Rev. 8
NLSF595DTR2G ONSEMI-NLSF595DTR2G Datasheet
163Kb / 14P
   Serial (SPI) Tri-Color LED Driver
June, 2011 ??Rev. 9
logo
List of Unclassifed Man...
QBLP600-RGB ETC1-QBLP600-RGB Datasheet
425Kb / 7P
   TRI COLOR LED
logo
SparkFun Electronics
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
   LilyPad Tri-Color LED
10/12/2015
logo
STANLEY ELECTRIC CO.,LT...
CRGB1314ASE-TR STANLEY-CRGB1314ASE-TR Datasheet
740Kb / 30P
   RGB tri-color emitting LED
logo
Visual Communications C...
6300 VCC-6300 Datasheet
79Kb / 1P
   Tri-Color Rectangular LED Assembly
logo
STANLEY ELECTRIC CO.,LT...
CRGB1318FSE-TM STANLEY-CRGB1318FSE-TM Datasheet
851Kb / 32P
   RGB tri-color emitting LED
logo
Micropac Industries
62098 MICROPAC-62098 Datasheet
170Kb / 3P
   TRI-COLOR HERMETIC LED INDICATORS
62118 MICROPAC-62118 Datasheet
111Kb / 2P
   TRI-COLOR HERMETIC LED INDICATORS
logo
STANLEY ELECTRIC CO.,LT...
ARGB1313HS-TR STANLEY-ARGB1313HS-TR Datasheet
683Kb / 32P
   RGB tri-color emitting LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com