Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G910T71T Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G910T71T
Description  3.3V 400mA/250mA Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G910T71T Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G910T71T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G910T71T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G910T71T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G910T71T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G910T71T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G910T71T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G910T71T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G910T71T Datasheet HTML 8Page - Global Mixed-mode Technology Inc G910T71T Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ver: 6.6
Sep 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G910/G911
Global Mixed-mode Technology Inc.
3.3V 400mA/250mA+ Low Dropout Regulator
Features
Dropout voltage typically 0.8V @ IO = 400mA/
250mA
+
Output current in excess of 400mA / 250mA
+
Output voltage accuracy +2%
Quiescent current, typically 0.6mA
Internal short circuit current limit
Internal over temperature protection
General Description
The G910/G911 positive 3.3V voltage regulator fea-
tures the ability to source 400mA/ 250mA
+ of output
current with a dropout voltage of typically 0.8V. A low
quiescent current is provided. The typical quiescent
current is 0.6mA.
[
+ For µTO-92 & TO-92 package]
Familiar regulator features such as over temperature and
over current protection circuits are provided to prevent it
from being damaged by abnormal operating conditions.
Ordering Information
PIN OPTION
ORDER NUMBER
PACKAGE TYPE
1
2
3
G910T21U
SOT 89
VOUT
GND
VIN
G911T24U
SOT 89
GND
VIN
VOUT
G910T65U
SOT 223
VIN
GND
VOUT
G910TD1B
TO92
VOUT
GND
VIN
G911TD4B
TO92
GND
VIN
VOUT
G910T81B
µTO92
VOUT
GND
VIN
G911T84B
µTO92
GND
VIN
VOUT
G911T85B
µTO92
VIN
GND
VOUT
* For other package types, pin options and package, please contact us at sales@gmt.com.tw
Order Number Identification
GXXX
XX
X
X
Packing Type
Pin Option
Package Type
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T2 : SOT 89
1
2
3
U & D : Tape & Reel Direction
T6 : SOT 223
1 : VOUT
GND
VIN
T : Tube
T7 : SOT 23
2 : VOUT
VIN
GND
B : Bag
T8 : µTO92
3 : GND
VOUT
VIN
TD : TO92
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Typical Application
Package Type
[Note 4]: Type of COUT
Top View
1
2
3
Top View
1
3
µTO 92 、
TO92
Top View
SOT 23
1
3
2
Top View
Top View
1
2
3
SOT 89、
223
Top View
2
V
IN
G910
C1
0.47µF
IQ
V
OUT
I
O
C
OUT
10µF
Top View
Top View
1
2
3
Top View
1
3
µTO 92 、
TO92
Top View
SOT 23
1
3
2
Top View
Top View
1
2
3
SOT 89、
223
Top View
2
V
IN
G910
C1
0.47µF
IQ
V
OUT
I
O
C
OUT
10µF
V
IN
G910
C1
0.47µF
IQ
V
OUT
I
O
C
OUT
10µF


Similar Part No. - G910T71T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G910T21U GMT-G910T21U Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G910T21UF GMT-G910T21UF Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G910T65U GMT-G910T65U Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G910T65UF GMT-G910T65UF Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G910T81B GMT-G910T81B Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
More results

Similar Description - G910T71T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G911 GMT-G911_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_06 Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com