Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE71300 Datasheet(PDF) 7 Page - NEC

Part # NE71300
Description  LOW NOISE L TO K-BAND GaAs MESFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE71300 Datasheet(HTML) 7 Page - NEC

  NE71300 Datasheet HTML 1Page - NEC NE71300 Datasheet HTML 2Page - NEC NE71300 Datasheet HTML 3Page - NEC NE71300 Datasheet HTML 4Page - NEC NE71300 Datasheet HTML 5Page - NEC NE71300 Datasheet HTML 6Page - NEC NE71300 Datasheet HTML 7Page - NEC NE71300 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NE71300
Parameters
Q1
Parameters
Q1
VTO
-2.04
RG
6
VTOSC
0
RD
2
ALPHA
2.5
RS
2
BETA
0.03145
RGMET
0
GAMMA
0.115
KF
0
GAMMADC
0.06
AF
1
Q
1.7
TNOM
27
DELTA
0.42
XTI
3
VBI
1
EG
1.43
IS
7.3e-12
VTOTC
0
N
1.2
BETATCE
0
RIS
0
FFE
1
RID
0
TAU
6e-12
CDS
0.15e-12
RDB
2000
CBS
1e-9
CGSO
0.55e-12
CGDO
0.04e-12
DELTA1
0.3
DELTA2
0.2
FC
0.5
VBR
Infinity
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
FET NONLINEAR MODEL PARAMETERS (1)
UNITS
MODEL RANGE
Frequency:
0.5 to 20 GHz
Bias:
VDS = 2 V to 4 V, ID = 10 mA to 30 mA
Date:
2/10/97
NE71300(L) NONLINEAR MODEL
SCHEMATIC
(1) Series IV Libra TOM Model
LG
LD
LS
0.01nH
SOURCE
Q1
0.36nH
0.36nH
GATE
DRAIN


Similar Part No. - NE71300

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE71300 CEL-NE71300 Datasheet
95Kb / 8P
   LOW NOISE L TO K-BAND GaAs MESFET
logo
NEC
NE71300-L NEC-NE71300-L Datasheet
92Kb / 16P
   L to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NE71300-L RENESAS-NE71300-L Datasheet
243Kb / 18P
   GaAs MES FET
1996
logo
NEC
NE71300-M NEC-NE71300-M Datasheet
92Kb / 16P
   L to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NE71300-M RENESAS-NE71300-M Datasheet
243Kb / 18P
   GaAs MES FET
1996
More results

Similar Description - NE71300

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE71300 CEL-NE71300 Datasheet
95Kb / 8P
   LOW NOISE L TO K-BAND GaAs MESFET
logo
NEC
NE76038 NEC-NE76038 Datasheet
40Kb / 6P
   LOW NOISE L TO Ku-BAND GaAs MESFET
NE76000 NEC-NE76000 Datasheet
52Kb / 6P
   LOW NOISE L TO Ku BAND GaAs MESFET
NE76084S NEC-NE76084S Datasheet
42Kb / 4P
   LOW NOISE L TO Ku BAND GaAs MESFET
NE710 NEC-NE710 Datasheet
279Kb / 7P
   LOW NOISE Ku-K BAND GaAs MESFET
NE760 NEC-NE760 Datasheet
276Kb / 7P
   LOW NOISE KU-K BAND GAAS MESFET
NE76118 NEC-NE76118_00 Datasheet
32Kb / 4P
   GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
California Eastern Labs
NE76118 CEL-NE76118 Datasheet
33Kb / 4P
   GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
NEC
NE71383B NEC-NE71383B Datasheet
86Kb / 8P
   L to Ku Band Low Noise N-Channel GaAs MESFET
logo
California Eastern Labs
NE71383 CEL-NE71383 Datasheet
90Kb / 8P
   L to Ku Band Low Noise N-Channel GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com