Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3031H Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM3031H
Description  CMOS Regulator Monolithic IC MM303X Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3031H Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM3031H Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3031H Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3031H Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3031H Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3031H Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3031H Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3031H Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MITSUMI
CMOS Regulator MM303X Series
CMOS Regulator
Monolithic IC MM303X Series
Outline
This IC is a voltage regulator IC developed using the CMOS process. Super low consumption current of
1.5 µA typ. (MM303X) (when not loaded) has been achieved through the use of the CMOS process. Also, the
output voltage has a high accuracy of ±2%.
Features
1. Super low consumption current
1.5µA typ. (when not loaded, excluding the CE terminal current)
2. Super low consumption current (when off)
0.1µA typ.
3. High precision output voltage
±2%
4. Input/output voltage difference
40mV typ. (Io=1mA MM3033A)
5. Good input stability
0.05%/V typ.
6. Built-in short-circuit restriction circuit
60mA typ.
7. Wide operating temperature range
-30~+85°C
8. Output voltage
1.7~5.5V (0.1V step)
Applications
1. Devices that use batteries
2. Portable communications devices
3. Household electronics products
Package
SC-82AB
Block Diagram


Similar Part No. - MM3031H

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MM3032 SELEC-MM3032 Datasheet
738Kb / 2P
   Programmable Logic Controller
MM3032-P1 SELEC-MM3032-P1 Datasheet
738Kb / 2P
   Programmable Logic Controller
More results

Similar Description - MM3031H

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM302X MITSUMI-MM302X Datasheet
63Kb / 7P
   CMOS Regulator Monolithic IC
MM3018 MITSUMI-MM3018 Datasheet
92Kb / 8P
   IC for CMOS RegulatorReset Monolithic IC
MM1458 MITSUMI-MM1458 Datasheet
127Kb / 6P
   RegulatorReset IC Monolithic IC
MM1482 MITSUMI-MM1482 Datasheet
69Kb / 6P
   IC for RegulatorReset Monolithic IC
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
Panasonic Semiconductor
AN29000A PANASONIC-AN29000A Datasheet
259Kb / 7P
   Silicon Monolithic Bi - CMOS IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
logo
Panasonic Semiconductor
AN13301A PANASONIC-AN13301A Datasheet
172Kb / 7P
   Silicon Monolithic Bi - CMOS IC
logo
Mitsumi Electronics, Co...
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
MM3376AX MITSUMI-MM3376AX Datasheet
83Kb / 11P
   150mA CMOS Voltage Regulator IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com