Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62C1024-45QI Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IS62C1024-45QI
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62C1024-45QI Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

  IS62C1024-45QI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS62C1024-45QI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62C1024-45QI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62C1024-45QI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62C1024-45QI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62C1024-45QI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62C1024-45QI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62C1024-45QI Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Integrated Circuit Solution Inc.
SR016-0B
IS62C1024
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3)
(Over Operating Range, Standard and Low
Power)
-35
-45
-55
-70
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
35
45
55
70
ns
tSCE1
CE1 to Write End
25
35
50
60
ns
tSCE2
CE2 to Write End
25
35
50
60
ns
tAW
Address Setup Time to Write End
25
35
45
60
ns
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Setup Time
0
0
0
0
ns
tPWE
(4)
WE Pulse Width
25
35
40
50
ns
tSD
Data Setup to Write End
20
25
25
30
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE
(2)
WE LOW to High-Z Output
10
15
20
25
ns
tLZWE
(2)
WE HIGH to Low-Z Output
3
5
5
5
ns
Notes:
1.
Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1a.
2.
Tested with the load in Figure 1b.
Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3.
The internal write time is defined by the overlap of
CE1 LOW, CE2 HIGH and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write.
The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the Write.
4.
Tested with
OE HIGH.
DATA UNDEFINED
t WC
VALID ADDRESS
t SCE
t PWE1
t PWE2
t AW
t HA
HIGH-Z
t HD
t SA
t HZWE
ADDRESS
CE
WE
DOUT
DIN
DATAIN VALID
t LZWE
t SD
AC WAVEFORMS
WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE Controlled)(1,2)


Similar Part No. - IS62C1024-45QI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62C1024-45QI ISSI-IS62C1024-45QI Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS62C1024-45QI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com