Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-J454 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-J454
Description  High CMR, High Speed Optocouplers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-J454 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-J454 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-J454 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-J454 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-J454 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-J454 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-J454 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-J454 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-J454 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-J454 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High CMR, High Speed
Optocouplers
Technical Data
HCPL-4504
HCPL-J454
HCPL-0454
HCNW4504
Features
• Short Propagation Delays
for TTL and IPM
Applications
• 15 kV/
µs Minimum Common
Mode Transient Immunity at
VCM = 1500 V for TTL/Load
Drive
• High CTR at TA = 25°C
>25% for HCPL-4504/0454
>23% for HCNW4504
>19% for HCPL-J454
• Electrical Specifications for
Common IPM Applications
• TTL Compatible
• Guaranteed Performance
from 0
°C to 70°C
• Open Collector Output
• Safety Approval
UL Recognized
- 3750 V rms / 1min. for
HCPL-4504/0454/J454
- 5000 V rms / 1min. for
HCPL-4504 Option020 and
HCNW4504
CSA Approved
IEC/EN/DIN EN 60747-5-2
Approved
-VIORM = 560 Vpeak for
HCPL-0454 Option060
-VIORM = 630 Vpeak for
HCPL-4504 Option060
-VIORM = 891 Vpeak for
HCPL-J454
-VIORM = 1414 Vpeak for
HCNW4504
Applications
• Inverter Circuits and
Intelligent Power Module
(IPM) interfacing -
High Common Mode Transient
Immunity (> 10 kV/
µs for an
IPM load/drive) and (tPLH - tPHL)
Specified (See Power Inverter
Dead Time section)
• Line Receivers -
Short Propagation Delays and
Low Input-Output Capacitance
• High Speed Logic Ground
Isolation - TTL/TTL, TTL/
CMOS, TTL/LSTTL
Functional Diagram
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
A 0.1
µF bypass capacitor between pins 5 and 8 is recommended.
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
VCC
NC
VO
GND
TRUTH TABLE
LED
ON
OFF
VO
LOW
HIGH
Description
The HCPL-4504 and HCPL-0454
contain a GaAsP LED while the
HCPL-J454 and HCNW4504
contain an AlGaAs LED. The LED
is optically coupled to an
integrated high gain photo
detector.
The HCPL-4504 series has short
propagation delays and high CTR.
The HCPL-4504 series also has a
guaranteed propagation delay
difference (tPLH-tPHL). These
• Replaces Pulse
Transformers -
Save Board Space and Weight
• Analog Signal Ground
Isolation -
Integrated Photodetector
Provides Improved Linearity
over Phototransistors


Similar Part No. - HCPL-J454

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J454 AVAGO-HCPL-J454 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-J454-000E AVAGO-HCPL-J454-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-J454-300E AVAGO-HCPL-J454-300E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-J454-400E AVAGO-HCPL-J454-400E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-J454-500E AVAGO-HCPL-J454-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
More results

Similar Description - HCPL-J454

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com