Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28409ZC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY28409ZC
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28409ZC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY28409ZC Datasheet HTML 2Page - Cypress Semiconductor CY28409ZC Datasheet HTML 3Page - Cypress Semiconductor CY28409ZC Datasheet HTML 4Page - Cypress Semiconductor CY28409ZC Datasheet HTML 5Page - Cypress Semiconductor CY28409ZC Datasheet HTML 6Page - Cypress Semiconductor CY28409ZC Datasheet HTML 7Page - Cypress Semiconductor CY28409ZC Datasheet HTML 8Page - Cypress Semiconductor CY28409ZC Datasheet HTML 9Page - Cypress Semiconductor CY28409ZC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY28409
Document #: 38-07445 Rev. *B
Page 6 of 18
5
1
PCI5
PCI5 Output Enable
0 = Disabled, 1 = Enabled
4
1
PCI4
PCI4 Output Enable
0 = Disabled, 1 = Enabled
3
1
PCI3
PCI3 Output Enable
0 = Disabled, 1 = Enabled
2
1
PCI2
PCI2 Output Enable
0 = Disabled, 1 = Enabled
1
1
PCI1
PCI1 Output Enable
0 = Disabled, 1 = Enabled
0
1
PCI0
PCI0 Output Enable
0 = Disabled, 1 = Enabled
Byte 4: Control Register 4
Bit
@Pup
Name
Description
7
0
USB_48
USB_48 Drive Strength
0 = High drive strength, 1 = Low drive strength
6
1
USB_48
USB_48 Output Enable
0 = Disabled, 1 = Enabled
5
0
PCIF2
Allow control of PCIF2 with assertion of PCI_STP# or SW PCI_STP
0 = Free Running, 1 = Stopped with PCI_STP#
4
0
PCIF1
Allow control of PCIF1 with assertion of PCI_STP# or SW PCI_STP
0 = Free Running, 1 = Stopped with PCI_STP#
3
0
PCIF0
Allow control of PCIF0 with assertion of PCI_STP# or SW PCI_STP
0 = Free Running, 1 = Stopped with PCI_STP#
2
1
PCIF2
PCIF2 Output Enable
0 = Disabled, 1 = Enabled
1
1
PCIF1
PCIF1 Output Enable
0 = Disabled, 1 = Enabled
0
1
PCIF0
PCIF0 Output Enable
0 = Disabled, 1 = Enabled
Byte 5: Control Register 5
Bit
@Pup
Name
Description
7
1
DOT_48
DOT_48 Output Enable
0 = Disabled, 1 = Enabled
6
1
Reserved
Reserved, Set = 1
5
0
3V66_4/VCH
VCH Select 66 MHz/48 MHz
0 = 3V66 mode, 1 = VCH (48 MHz) mode
4
1
3V66_4/VCH
3V66_4/VCH Output Enable
0 = Disabled, 1 = Enabled
3
1
3V66_3
3V66_3 Output Enable
0 = Disabled, 1 = Enabled
2
1
3V66_2
3V66_2 Output Enable
0 = Disabled, 1 = Enabled
1
1
3V66_1
3V66_1 Output Enable
0 = Disabled, 1 = Enabled
0
1
3V66_0
3V66_0 Output Enable
0 = Disabled, 1 = Enabled
Byte 3: Control Register 3
Bit
@Pup
Name
Description


Similar Part No. - CY28409ZC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28409ZC SPECTRALINEAR-CY28409ZC Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409ZC CYPRESS-CY28409ZC Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28409ZCT SPECTRALINEAR-CY28409ZCT Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409ZCT CYPRESS-CY28409ZCT Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results

Similar Description - CY28409ZC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28419 CYPRESS-CY28419 Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28419 SPECTRALINEAR-CY28419 Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405-3 SPECTRALINEAR-CY28405-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28409 SPECTRALINEAR-CY28409 Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409_06 Datasheet
345Kb / 17P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com