Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS218-321 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AS218-321
Description  PHEMT GaAs IC High Power Transfer Switch DC-6 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS218-321 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AS218-321 Datasheet HTML 1Page - Skyworks Solutions Inc. AS218-321 Datasheet HTML 2Page - Skyworks Solutions Inc. AS218-321 Datasheet HTML 3Page - Skyworks Solutions Inc. AS218-321 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Performance Data (0, +3 V)
Frequency (GHz)
Insertion Loss vs. Frequency
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
A1-RX Path
A1-TX Path
A2-RX Path
A2-TX Path
Frequency (GHz)
Isolation vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
0.6
1.2
1.8
2.4
3.0 3.6
4.2
4.8
5.4
6.0
A1-RX Path
A1-TX Path
A2-RX Path
A2-TX Path
A1-A2
TX-RX
Frequency (GHz)
Return Loss vs. Frequency
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
A1-RX Path
A1-TX Path
A2-RX Path
A2-TX Path
Characteristic
Value
RF input power
+35 dBm > 500 MHz
0/+7 V control
Control voltage
-0.2 V, +8 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
ΘJC
25 °C/W
Absolute Maximum Ratings
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
January 7, 2005 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200082 Rev. B
DATA SHEET • AS218-321, AS218-321LF
2
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
2nd and 3rd harmonic
23 dBm input @ 0,+3 V
2–6 GHz
63
dBc
P1 dB
2–6 GHz
33
dBm
IIP3
20 dBm per tone
2–3 GHz
54
dBm
22 dBm per tone
5–6 GHz
47
dBm
Control voltages
VLOW = 0–0.2 V @ 20 µA max.
VHIGH = 3–5 V @ 200 µA max.
Operating Characteristics at 25 °C (0, +3 V)
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, Electrostatic Discharge (ESD) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.


Similar Part No. - AS218-321

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS218-000 SKYWORKS-AS218-000 Datasheet
129Kb / 4P
   PHEMT GaAs IC High-Power Transfer Switch 0.1-6 GHz
More results

Similar Description - AS218-321

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS218-000 SKYWORKS-AS218-000 Datasheet
129Kb / 4P
   PHEMT GaAs IC High-Power Transfer Switch 0.1-6 GHz
AS172-73 SKYWORKS-AS172-73 Datasheet
49Kb / 2P
   PHEMT GaAs IC Transfer Switch DC-2 GHz
SKY13252-321 SKYWORKS-SKY13252-321 Datasheet
182Kb / 2P
   PHEMT GaAs IC Diversity Switch DC-6 GHz
AS172-73 SKYWORKS-AS172-73_05 Datasheet
199Kb / 4P
   PHEMT GaAs IC Transfer Switch 300 kHz-2 GHz
AS127-59 SKYWORKS-AS127-59 Datasheet
31Kb / 2P
   GaAs IC Transfer Switch DC-2 GHz
logo
Alpha Industries
AS202-321 ALPHA-AS202-321 Datasheet
83Kb / 2P
   PHEMT GaAs IC High Power SP3T Switch DC-2 GHz
logo
Skyworks Solutions Inc.
AS227-321 SKYWORKS-AS227-321 Datasheet
182Kb / 3P
   PHEMT GaAs IC High Power SP3T Switch DC-2 GHz
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS182-73 ALPHA-AS182-73 Datasheet
39Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS179-92 ALPHA-AS179-92 Datasheet
24Kb / 2P
   PHEMT GaAs IC SPDT Switch DC-3 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com