Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7683CB Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD7683CB
Description  16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7683CB Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD7683CB Datasheet HTML 1Page - Analog Devices EVAL-AD7683CB Datasheet HTML 2Page - Analog Devices EVAL-AD7683CB Datasheet HTML 3Page - Analog Devices EVAL-AD7683CB Datasheet HTML 4Page - Analog Devices EVAL-AD7683CB Datasheet HTML 5Page - Analog Devices EVAL-AD7683CB Datasheet HTML 6Page - Analog Devices EVAL-AD7683CB Datasheet HTML 7Page - Analog Devices EVAL-AD7683CB Datasheet HTML 8Page - Analog Devices EVAL-AD7683CB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7683
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VDD = 2.7 V to 5.5 V; VREF = VDD; TA = –40°C to +85°C, unless otherwise noted.
Table 2.
AD7683 All Grades
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
+IN − (–IN)
0
VREF
V
Absolute Input Voltage
+IN
−0.1
VDD + 0.1
V
−IN
−0.1
0.1
V
Analog Input CMRR
fIN = 100 kHz
65
dB
Leakage Current at 25°C
Acquisition phase
1
nA
Input Impedance
See the Analog Input section.
THROUGHPUT SPEED
Complete Cycle
10
µS
Throughput Rate
0
100
kSPS
DCLOCK Frequency
0
2.9
MHz
REFERENCE
Voltage Range
0.5
VDD + 0.3
V
Load Current
100 kSPS, V+IN − V−IN = VREF/2 = 2.5 V
50
µA
DIGITAL INPUTS
Logic Levels
VIL
−0.3
0.3 × VDD
V
VIH
0.7 × VDD
VDD + 0.3
V
IIL
−1
+1
µA
IIH
−1
+1
µA
Input Capacitance
5
pF
DIGITAL OUTPUTS
Data Format
Serial, 16 bits straight binary.
VOH
ISOURCE = −500 µA
VDD − 0.3
V
VOL
ISINK = +500 µA
0.4
V
POWER SUPPLIES
VDD
Specified performance
2.7
5.5
V
VDD Range1
2.0
5.5
V
Operating Current
100 kSPS throughput
VDD
VDD = 5 V
800
µA
VDD = 2.7 V
560
µA
Standby Current2, 3
VDD = 5 V, 25
°C
1
50
nA
Power Dissipation
VDD = 5 V
4
6
mW
VDD = 2.7 V
1.5
mW
VDD = 2.7 V, 10 kSPS throughput
2
150
µW
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1 See the
section for more information.
Typical Performance Characteristics
2 With all digital inputs forced to VDD or GND, as required.
3 During acquisition phase.


Similar Part No. - EVAL-AD7683CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7683SDZ AD-EVAL-AD7683SDZ Datasheet
470Kb / 17P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
More results

Similar Description - EVAL-AD7683CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7683BRMZ AD-AD7683BRMZ Datasheet
404Kb / 16P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
REV. A
AD7683ARMZ AD-AD7683ARMZ Datasheet
404Kb / 16P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
REV. A
AD7683 AD-AD7683_17 Datasheet
470Kb / 17P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
AD7684 AD-AD7684 Datasheet
452Kb / 16P
   16-Bit, 100 kSPS PulSAR Differential ADC in MSOP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com