Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-M454 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-M454
Description  Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-M454 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-M454 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-M454 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Figure 6. Switching Test Circuit.
Figure 7. Test Circuit for Transient Immunity and Typical Waveforms.
Figure 8. Propagation Delay Time vs.
Temperature.
Figure 9. Propagation Delay Time vs.
LoadResistance.
Figure 10. Propagation Delay Time vs.
LoadResistance.
VO
PULSE
GEN.
ZO = 50 Ω
tr = 5 ns
IF MONITOR
IF
0.1µF
RL
CL
RM
0
tPHL
tPLH
VO
IF
VOL
VTHHL
VTHLH
VCC
1
3
6
5
4
HCPL-M454
VCC
VO
0.1µF
RL
A
B
PULSE GEN.
VCM
+
VFF
CL
VCC
1
3
6
5
4
HCPL-M454
VO
VOL
VO
0 V
10%
90%
90%
10%
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 12 mA, 16 mA
F
VCM
tr
tf
VCC
10 V
IF
TA – TEMPERATURE – °C
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
-40 -20
0
20 40 60 80 100 120
-60
VCC = 5.0 V
RL = 1.9 kΩ
CL = 15 pF
VTHHL
tPLH
tPHL
IF = 10 mA
IF = 16 mA
= VTHLH = 1.5 V
10% DUTY CYCLE
RL – LOAD RESISTANCE – kΩ
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2
4
6
8 10 12 14 16 18
0
20
tPHL
VCC = 5.0 V
TA = 25° C
CL = 15 pF
V
= V
= 1.5 V
IF = 10 mA
IF = 16 mA
tPLH
10% DUTY CYCLE
THHL
THLH
RL– LOAD RESISTANCE – kΩ
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
2
4
6
8
10 12 14 16 18
0
20
1.6
1.8
2.0
2.2
2.4
2.6
VCC = 5.0 V
TA = 25° C
CL = 100 pF
VTHHL = 1.5 V
VTHLH = 2.0 V
IF = 10 mA
IF = 16 mA
tPLH
tPHL
50% DUTY CYCLE


Similar Part No. - HCPL-M454

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M454 AVAGO-HCPL-M454 Datasheet
235Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
More results

Similar Description - HCPL-M454

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M454 AVAGO-HCPL-M454 Datasheet
235Kb / 12P
   Ultra High CMR, Small Outline, 5 Lead, High Speed Optocoupler
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com