Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G766 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # G766
Description  Remote Temperature Sensor with SMBus Serial Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G766 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G766 Datasheet HTML 1Page - List of Unclassifed Manufacturers G766 Datasheet HTML 2Page - List of Unclassifed Manufacturers G766 Datasheet HTML 3Page - List of Unclassifed Manufacturers G766 Datasheet HTML 4Page - List of Unclassifed Manufacturers G766 Datasheet HTML 5Page - List of Unclassifed Manufacturers G766 Datasheet HTML 6Page - List of Unclassifed Manufacturers G766 Datasheet HTML 7Page - List of Unclassifed Manufacturers G766 Datasheet HTML 8Page - List of Unclassifed Manufacturers G766 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Ver 1.0
Dec 11, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
4
Global Mixed-mode Technology Inc.
G766
Pin Description
PIN
NAME
FUNCTION
1
ADD0
SMBus Slave Address Select pin
2
ADD1
SMBus Address Select pin (Table 8). ADD0 and ADD1 are sampled upon power-up. Excess capaci-
tance (>50pF) at the address pins when floating may cause address-recognition problems.
3
GND
Ground
4
DXN
Combined Current Sink and A/D Negative Input.
5
DXP
Combined Current Source and A/D Positive Input for remote-diode channel. Do not leave DXP float-
ing; tie DXP to DXN if no remote diode is used. Place a 2200pF capacitor between DXP and DXN for
noise filtering.
6
Vcc
Supply Voltage Input , 3V to 5.5V. Bypass to GND with a 0.1µF capacitor. A 200
series resistor is
recommended but not required additional noise filtering.
7
STBY
Hardware Standby Input. Temperature and comparison threshold data are retained in standby mode.
Low = standby mode, high = operate mode.
8
SMBCLK
SMBus Serial-Clock Input
9
SMBDATA SMBus Serial-Data Input / Output, open drain
10
ALERT
SMBus Alert (interrupt) Output, open drain
Detailed Description
The G766 (patents pending) is a temperature sensor
designed to work in conjunction with an external mi-
crocontroller (µC) or other intelligence in thermostatic,
process-control, or monitoring applications. The µC is
typically a power-management or keyboard controller,
generating SMBus serial commands by “bit-banging”
general-purpose input-output (GPIO) pins or via a
dedicated SMBus interface block.
Essentially an 8-bit serial analog-to digital converter
(ADC) with a sophisticated front end, the G766 con-
tains a switched current source, a multiplexer, an ADC,
an SMBus interface, and associated control logic (Fig-
ure 1). Temperature data from the ADC is loaded into
two data registers, where it is automatically compared
with data previously stored in four over/under-tem-
perature alarm registers.
ADC and Multiplexer
The ADC is an averaging type that integrates over a
60ms period (typical), with excellent noise rejection.
The multiplexer automatically steers bias currents
through the remote and local diodes, measures their
forward voltages, and computes their temperatures.
Both channels are automatically converted once the
conversion process has started, either in free-running
or single-shot mode. If one of the two channels is not
used, the device still performs both measurements,
and the user can simply ignore the results of the un-
used channel.
The worst-case DXP-DXN differential input voltage
range is 0.25V to 0.95V.
Excess resistance in series with the remote diode
causes about +1/2°C error per ohm. Likewise, 200µV
of offset voltage forced on DXP-DXN causes about
1°C error.


Similar Part No. - G766

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
G76-010-05H-AGGA-H MITSUMI-G76-010-05H-AGGA-H Datasheet
76Kb / 2P
   Interface Connectors for Cradle
logo
List of Unclassifed Man...
G760A ETC-G760A Datasheet
173Kb / 5P
   Fan Speed PWM Controller
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
   Fan Speed PWM Controller
G761 GMT-G761 Datasheet
47Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
G762 GMT-G762 Datasheet
309Kb / 1P
   Fan Speed Controller with Linear or PWM Mode
More results

Similar Description - G766

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
   Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G782 GMT-G782 Datasheet
44Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com