Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1265W Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1265W
Description  3.3V 8Mb Nonvolatile SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1265W Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1265W Datasheet HTML 1Page - Dallas Semiconductor DS1265W Datasheet HTML 2Page - Dallas Semiconductor DS1265W Datasheet HTML 3Page - Dallas Semiconductor DS1265W Datasheet HTML 4Page - Dallas Semiconductor DS1265W Datasheet HTML 5Page - Dallas Semiconductor DS1265W Datasheet HTML 6Page - Dallas Semiconductor DS1265W Datasheet HTML 7Page - Dallas Semiconductor DS1265W Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS1265W
2 of 8
READ MODE
The DS1265 devices execute a read cycle whenever WE (Write Enable) is inactive (high) and CE (Chip
Enable) and OE (Output Enable) are active (low). The unique address specified by the 20 address inputs
(A0–A19) defines which of the 1,048,576 bytes of data is accessed. Valid data will be available to the
eight data output drivers within tACC (Access Time) after the last address input signal is stable, providing
that CE and OE access times are also satisfied. If OE and CE access times are not satisfied, then data
access must be measured from the later-occurring signal ( CE or OE ) and the limiting parameter is either
tCO for CE or tOE for OE rather than tACC.
WRITE MODE
The DS1265 devices execute a write cycle whenever WE and CE signals are active (low) after address
inputs are stable. The later-occurring falling edge of CE or WE will determine the start of the write cycle.
The write cycle is terminated by the earlier rising edge of CE or WE . All address inputs must be kept
valid throughout the write cycle. WE must return to the high state for a minimum recovery time (tWR)
before another cycle can be initiated. The OE control signal should be kept inactive (high) during write
cycles to avoid bus contention. However, if the output drivers are enabled ( CE and OE active), then WE
will disable the outputs in tODW from its falling edge.
DATA-RETENTION MODE
The DS1265W provides full functional capability for VCC greater than 3.0V and write protects by 2.8V.
Data is maintained in the absence of VCC without any additional support circuitry. The nonvolatile static
RAMs constantly monitor VCC. Should the supply voltage decay, the NV SRAMs automatically write
protect themselves, all inputs become “don’t care,” and all outputs become high-impedance. As VCC falls
below approximately 2.5V, a power-switching circuit connects the lithium energy source to RAM to
retain data. During power-up, when VCC rises above approximately 2.5V, the power-switching circuit
connects external VCC to RAM and disconnects the lithium energy source. Normal RAM operation can
resume after VCC exceeds 3.0V.
FRESHNESS SEAL
Each DS1265 device is shipped from Dallas Semiconductor with its lithium energy source disconnected,
guaranteeing full energy capacity. When VCC is first applied at a level greater than VTP, the lithium
energy source is enabled for battery backup operation.


Similar Part No. - DS1265W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W-100 DALLAS-DS1265W-100 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W-100++ MAXIM-DS1265W-100+ Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W-100IND DALLAS-DS1265W-100IND Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
More results

Similar Description - DS1265W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
   3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
DS3065W MAXIM-DS3065W Datasheet
321Kb / 18P
   3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
logo
Dallas Semiconductor
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
   3.3V 256k Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
   3.3V 256K Nonvolatile SRAM
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1250W MAXIM-DS1250W Datasheet
226Kb / 9P
   3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
logo
Dallas Semiconductor
DS1245W DALLAS-DS1245W Datasheet
218Kb / 11P
   3.3V 1024k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com