Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP60N10-16L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUP60N10-16L
Description  N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP60N10-16L Datasheet(HTML) 1 Page - Vishay Siliconix

  SUP60N10-16L Datasheet HTML 1Page - Vishay Siliconix SUP60N10-16L Datasheet HTML 2Page - Vishay Siliconix SUP60N10-16L Datasheet HTML 3Page - Vishay Siliconix SUP60N10-16L Datasheet HTML 4Page - Vishay Siliconix SUP60N10-16L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 175_C Junction Temperature
D PWM Optimized
APPLICATIONS
D DC/DC Primary Side Switch
SUP60N10-16L
Vishay Siliconix
Document Number: 71928
S-03600—Rev. B, 31-Mar-03
www.vishay.com
1
N-Channel 100-V (D-S) 175
_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
100
0.016 @ VGS = 10 V
60
100
0.018 @ VGS = 4.5 V
56
D
G
S
N-Channel MOSFET
TO-220AB
Top View
GD S
DRAIN connected to TAB
SUP60N10-16L
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 175_C)
TC = 25_C
ID
60
Continuous Drain Current (TJ = 175_C)
TC = 125_C
ID
35
A
Pulsed Drain Current
IDM
100
A
Avalanche Current
IAR
40
Repetitive Avalanche Energya
L = 0.1 mH
EAR
80
mJ
Maximum Power Dissipationa
TC = 25_C
PD
150b
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient (Free Air)
RthJA
62.5
_C/W
Junction-to-Case
RthJC
1.0
_C/W
Notes
a.
Duty cycle
v 1%.
b.
See SOA curve for voltage derating.
c.
When mounted on 1” square PCB (FR-4 material).


Similar Part No. - SUP60N10-16L

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SUP60N10-16L DOINGTER-SUP60N10-16L Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SUP60N10-16L VISHAY-SUP60N10-16L_16 Datasheet
53Kb / 6P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. B, 31-Mar-03
More results

Similar Description - SUP60N10-16L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUV85N10-10 VISHAY-SUV85N10-10 Datasheet
45Kb / 5P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 31-Mar-03
SUP90N10-09 VISHAY-SUP90N10-09 Datasheet
42Kb / 5P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. A, 25-Nov-02
SUM47N10-24L VISHAY-SUM47N10-24L Datasheet
64Kb / 4P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. A, 15-Mar-04
SUD40N08-16 VISHAY-SUD40N08-16 Datasheet
60Kb / 4P
   N-Channel 80-V (D-S) 175 Degree Celcious MOSFET
Rev. C, 23-Feb-04
SUD50N02-09P VISHAY-SUD50N02-09P Datasheet
52Kb / 4P
   N-Channel 20-V (D-S) 175 Degree Celcious MOSFET
Rev. C, 14-Jun-04
SUD50N04-07L VISHAY-SUD50N04-07L Datasheet
73Kb / 5P
   N-Channel 40-V (D-S), 175 Degree Celcious MOSFET
Rev. B, 13-Oct-03
SUB85N08-08 VISHAY-SUB85N08-08 Datasheet
63Kb / 5P
   N-Channel 75-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 28-Aug-00
SUB85N02-03 VISHAY-SUB85N02-03 Datasheet
66Kb / 5P
   N-Channel 20-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 29-Dec-03
SUM09N20-270 VISHAY-SUM09N20-270 Datasheet
39Kb / 5P
   N-Channel 200-V (D-S) 175 Degree Celcious MOSFET
Rev. A, 03-Mar-03
SUM55P06-19L VISHAY-SUM55P06-19L Datasheet
61Kb / 5P
   P-Channel 60-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 04-Oct-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com