Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4051BQPWRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD4051BQPWRQ1
Description  CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4051BQPWRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD4051BQPWRQ1 Datasheet HTML 6Page - Texas Instruments CD4051BQPWRQ1 Datasheet HTML 7Page - Texas Instruments CD4051BQPWRQ1 Datasheet HTML 8Page - Texas Instruments CD4051BQPWRQ1 Datasheet HTML 9Page - Texas Instruments CD4051BQPWRQ1 Datasheet HTML 10Page - Texas Instruments CD4051BQPWRQ1 Datasheet HTML 11Page - Texas Instruments CD4051BQPWRQ1 Datasheet HTML 12Page - Texas Instruments CD4051BQPWRQ1 Datasheet HTML 13Page - Texas Instruments CD4051BQPWRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CD4051BQ1, CD4052BQ1, CD4053BQ1
CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
WITH LOGIC-LEVEL CONVERSION
SCHS354 − AUGUST 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
ON CHARACTERISTICS FOR
1-OF-8 CHANNELS (CD4051B)
Vis − Input Signal Voltage − V
−6
−4
−2
0
2
4
6
−6
−4
−2
0
2
4
6
VDD = 5 V
VSS = 0 V
VEE = −5 V
TA = 255C
RL = 100 kW, RL = 10 kW
1 k
W
500
W
100
W
Figure 6
f − Switching Frequency − kHz
DYNAMIC POWER DISSIPATION
vs
SWITCHING FREQUENCY (CD4051B)
10 5
10 4
10 3
10
10 2
10 2
10
10
3
10
4
10
5
1
Test Circuit
3
5
10
11
6
7
8
14
15
1
2
13
12
4
C L
CD4051
f
100
100
B/D
CD4029
AB C
9
Ι
TA = 255C
Alternating O
and I Pattern
CL = 50 pF
VDD = 10 V
VDD = 5 V
CL = 15 pF
VDD = 15 V
VDD
VDD
Figure 7
f − Switching Frequency − kHz
DYNAMIC POWER DISSIPATION
vs
SWITCHING FREQUENCY (CD4052B)
10
5
10
4
10
3
10
10
2
10
2
10
10 3
10
4
10
5
1
3
5
10
11
6
7
8
14
15
1
2
13
12
4
C L
CD4052
f
100
B/D
CD4029
AB
9
Ι
Test Circuit
TA = 255C
Alternating ÒOÓ
and ÒIÓ Pattern
CL = 50 pF
VDD = 10 V
VDD = 5 V
CL = 15 pF
VDD = 15 V
VDD
Figure 8
f − Switching Frequency − kHz
DYNAMIC POWER DISSIPATION
vs
SWITCHING FREQUENCY (CD4053B)
10 5
10 4
10 3
10
10 2
10 2
10
10
3
10
4
10
5
1
VDD = 15 V
VDD = 10 V
VDD = 5 V
CL = 15 pF
Ι
Test Circuit
VDD
9
3
5
10
11
6
7
8
14
15
1
2
13
12
4
CL
CD4053
f
100
W
100
W
TA = 255C
Alternating O
and I Pattern
CL = 50 pF


Similar Part No. - CD4051BQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4051BQPWRQ1 TI1-CD4051BQPWRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - CD4051BQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4051B TI-CD4051B_10 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com