Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1422-03CP Datasheet(PDF) 10 Page - California Micro Devices Corp

Part # CM1422-03CP
Description  LCD EMI Filter Array with ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1422-03CP Datasheet(HTML) 10 Page - California Micro Devices Corp

Back Button CM1422-03CP Datasheet HTML 4Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 5Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 6Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 7Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 8Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 9Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 10Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 11Page - California Micro Devices Corp CM1422-03CP Datasheet HTML 12Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
10 430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
04/27/04
CM1420/22
Mechanical Details
CM1420/22 devices are packaged in a custom Chip
Scale Packages (CSP). Dimensions for each of these
devices are presented in the following pages.
CM1420 Mechanical Specifications
The package dimensions for the CM1420 are pre-
sented below.
Package Dimensions for
CM1420 Chip Scale Package
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
15
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
2.915
2.960
3.005
0.1148
0.1165
0.1183
A2
1.285
1.330
1.375
0.0506
0.0524
0.0541
B1
0.495
0.500
0.505
0.0195
0.0197
0.0199
B2
0.245
0.250
0.255
0.0096
0.0098
0.0100
B3
0.430
0.435
0.440
0.0169
0.0171
0.0173
B4
0.430
0.435
0.440
0.0169
0.0171
0.0173
C1
0.180
0.230
0.280
0.0071
0.0091
0.0110
C2
0.180
0.230
0.280
0.0071
0.0091
0.0110
D1
0.600
0.670
0.739
0.0236
0.0264
0.0291
D2
0.394
0.445
0.495
0.0155
0.0175
0.0195
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
A
B
C
3
456
C1
B1
A1
DIMENSIONS IN MILLIMETERS
D1
D2
BOTTOM VIEW
SIDE
VIEW
12
B2
OptiGuardTM
Coating
0.30 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
95.5/3.8/0.7 Sn/Ag/Cu (Lead-free)


Similar Part No. - CM1422-03CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1422-03CP ONSEMI-CM1422-03CP Datasheet
558Kb / 15P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1422-03CP ONSEMI-CM1422-03CP Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
More results

Similar Description - CM1422-03CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1420-22 ONSEMI-CM1420-22 Datasheet
558Kb / 15P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1405 CALMIRCO-CM1405 Datasheet
957Kb / 11P
   LCD EMI Filter Array with ESD Protection
CSPEMI606 CALMIRCO-CSPEMI606 Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1420 ONSEMI-CM1420 Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1405 ONSEMI-CM1405 Datasheet
744Kb / 14P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev.2
logo
California Micro Device...
CM1451 CALMIRCO-CM1451 Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1450 CALMIRCO-CM1450 Datasheet
333Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1452 CALMIRCO-CM1452 Datasheet
170Kb / 6P
   LCD & Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com