Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL60101MJD Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL60101MJD
Description  12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60101MJD Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL60101MJD Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60101MJD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60101MJD Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL60101MJD Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL60101MJD Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL60101MJD Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL60101MJD Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL60101MJD Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL60101MJD Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ZL60101/2
Data Sheet
9
Zarlink Semiconductor Inc.
Transmitter Pinout Assignments
Transmitter Pin Description
K
J
H
G
F
E
DCBA
1
NIC
NIC
NIC
VEE
VEE
VEE
VEE
VEE
VEE
NIC
2
NIC
NIC
NIC
VEE
VEE
DIN5+
VEE
VEE
DIN8+
VEE
3
NIC
VCC
VCC
VEE
DIN4+
DIN5-
VEE
DIN7+
DIN8-
VEE
4
NIC
VCC
VCC
DIN3+
DIN4-
VEE
DIN6+
DIN7-
VEE
NIC
5
NIC
VCC
VCC
DIN3-
VEE
DIN2+
DIN6-
VEE
DIN9-
VEE
6
NIC
VCC
VCC
VEE
DIN1+
DIN2-
VEE
DIN10-
DIN9+
VEE
7
NIC
NIC
NIC
DIN0+
DIN1-
VEE
DIN11-
DIN10+
VEE
NIC
8
DNC
RESET
FAULT
DIN0-
VEE
VEE
DIN11+
VEE
VEE
NIC
9
DNC
Tx_EN
Tx_DIS
VEE
VEE
VEE
VEE
VEE
VEE
NIC
10
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
DNC
Table 3 - Transmitter Host Circuit Board Layout (Top view, toward MPO/MTP
 connector end)
(10x10 array, 1.27 mm pitch)
Signal Name
Type
Description
Comments
DIN[0:11] +/-
Data input
Transmitter data in, channel 0 to 11
Internal differential termination at 100
Ω.
VCC
Transmitter power supply rail
VEE
Transmitter signal common. All
transmitter voltages are referenced
to this potential unless otherwise
stated.
Directly connect these pads to the PC
board transmitter signal ground plane.
Tx_EN
Control
input
Transmitter enable.
HIGH: normal operation
LOW: disable transmitter
Active high, internal pull-up. See
Table 2.
Tx_DIS
Control
input
Transmitter disable.
HIGH: disable transmitter
LOW: normal operation
Active high, internal pull-down. See
Table 2.
FAULT
Status
output
Transmitter fault.
HIGH: normal operation
LOW: laser fault detected on at least
one channel
When active, all channels are disabled.
Clear by reset signal. Internal pull-up.
RESET
Control
input
Transmitter reset.
HIGH: normal operation
LOW:reset to clear fault signal
Internal pull-up.
DNC
Do not connect to any potential,
including ground.
NIC
No internal connection.


Similar Part No. - ZL60101MJD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60101MLDC ZARLINK-ZL60101MLDC Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
More results

Similar Description - ZL60101MJD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60101 ZARLINK-ZL60101_07 Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60105 ZARLINK-ZL60105 Datasheet
481Kb / 20P
   12 x 1.6 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60113 ZARLINK-ZL60113 Datasheet
303Kb / 18P
   12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Zarlink Semiconductor I...
ZL60301 ZARLINK-ZL60301 Datasheet
489Kb / 22P
   Parallel Fiber Optic Transceiver (4 4) x 2.7 Gbps
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com