Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZHX1010 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # ZHX1010
Description  The ZiLOG ZHX1010 SIR transceiver is the ideal choice for applications in today ultra-compact and power-conscious portable products
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZHX1010 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button ZHX1010 Datasheet HTML 6Page - Zilog, Inc. ZHX1010 Datasheet HTML 7Page - Zilog, Inc. ZHX1010 Datasheet HTML 8Page - Zilog, Inc. ZHX1010 Datasheet HTML 9Page - Zilog, Inc. ZHX1010 Datasheet HTML 10Page - Zilog, Inc. ZHX1010 Datasheet HTML 11Page - Zilog, Inc. ZHX1010 Datasheet HTML 12Page - Zilog, Inc. ZHX1010 Datasheet HTML 13Page - Zilog, Inc. ZHX1010 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ZHX1010
SIR Transceiver
PS015105-0702
6
Optical Rise/Fall time
40
ns
Peak Wavelength
850
875
900
nm
Optical Overshoot
3
%
Receiver
Detection Threshold Irradiance
+15 °
2
3
µW/cm2
Overload Irradiance
500
µW/cm2
Sunlight Ambient Rejection
No modulation
500
µW/cm2
Digital Input/Output
Input High (Logic 1) Voltage, VIH
TXD, SD
0.6 VCC
VCC + 0.5 V
V
Input Low (Logic 0) Voltage, VIL
TXD, SD
–0.5
0.2 VCC
V
Output High (Logic 1) Voltage, VOH RXD/ = –250 mA @ 1.8 V
2.2
V
Output Low (Logic 0) Voltage, VOL RXD/ = 1 mA
0.4
V
Output Leakage (RXD, Anode)
SD = “1”
–1
+1
µA
Input Leakage
SD, TXD = “0”
–1
+1
µA
Input Current
TXD = “1”, SD = “0”
4
100
µA
AC Parameters
(CLOAD = 25 pF)
Transmit Output Pulse Width
TXD = 1 > 200 ms
18
150
µs
Recovery Delay from Shutdown to
Full Sensitivity (TRECOVERY)
SD = “1”
→“0”
200
µs
Receiver Latency (TL)100
µs
Rise Time (TR)VCC = 1.8–5.5 V
100
ns
Fall Time (TF)VCC = 1.8–5.5 V
100
ns
Pulse Width (TW) (RXD)
IDET = 1 µA, 1.6-ms pulse
1.1
1.6
3.9
µs
Pulse Jitter (TJ) (RXD)
Irradiance = 3.5 mW/cm
2
500 mW/cm
2
400
ns
Pulse Delay (TD) (RXD)
Irradiance = 3.5 mW/cm
2
500 mW/cm
2
1.8
µs
Unless otherwise noted: Vcc/LEDA=2.4 V to 5.5 V, GND= 0 V, TA= –30 °C to 85 °C
Table 4. Electrical Characteristics (Continued)
Parameter
Condition
Min
Typical
Max
Unit


Similar Part No. - ZHX1010

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZHX1000 ZILOG-ZHX1000 Datasheet
525Kb / 18P
   SIR Transceiver
ZHX1000MV115THTR ZILOG-ZHX1000MV115THTR Datasheet
525Kb / 18P
   SIR Transceiver
More results

Similar Description - ZHX1010

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
DS14C232J ROCHESTER-DS14C232J Datasheet
630Kb / 1P
   LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
List of Unclassifed Man...
EFM32WG ETC2-EFM32WG Datasheet
13Mb / 834P
   The EFM32WG Wonder Gecko is the ideal choice for demanding 8-, 16-, and 32-bit energy sensitive applications.
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
   The flyback converter is a popular choice in applications where the required power
logo
Analog Devices
HMC339 AD-HMC339 Datasheet
416Kb / 8P
   The HMC339 is ideal for
logo
JMK Inc.
ZF-1954-15 JMK-ZF-1954-15 Datasheet
33Kb / 1P
   The ZF1954-15 is ideal for the military and TEMPEST environments.
logo
Micross Components
HMC144 MICROSS-HMC144 Datasheet
822Kb / 11P
   The HMC143 & HMC144 is ideal for
logo
List of Unclassifed Man...
ISP1703BUKTS ETC2-ISP1703BUKTS Datasheet
906Kb / 3P
   Ultra-low-power transceiver solutions for mobile and portable applications
logo
Omron Electronics LLC
G3RD-X02PN-2DC24 OMRON-G3RD-X02PN-2DC24 Datasheet
558Kb / 4P
   Compact SSRs Ideal for Built-in Applications
logo
STMicroelectronics
AN871 STMICROELECTRONICS-AN871 Datasheet
149Kb / 13P
   In power electronics the choice of the switch to be used is always very important
logo
Skyworks Solutions Inc.
SMV1247-040LF SKYWORKS-SMV1247-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com