Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7718-01 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7718-01
Description  Echo Canceler with ADPCM CODEC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7718-01 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM7718-01 Datasheet HTML 2Page - OKI electronic componets MSM7718-01 Datasheet HTML 3Page - OKI electronic componets MSM7718-01 Datasheet HTML 4Page - OKI electronic componets MSM7718-01 Datasheet HTML 5Page - OKI electronic componets MSM7718-01 Datasheet HTML 6Page - OKI electronic componets MSM7718-01 Datasheet HTML 7Page - OKI electronic componets MSM7718-01 Datasheet HTML 8Page - OKI electronic componets MSM7718-01 Datasheet HTML 9Page - OKI electronic componets MSM7718-01 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6/38
¡ Semiconductor
MSM7718-01
MCKSL
Master clock selection input.
Set MCKSL to logic “0” when the master clock frequency is 9.6 MHz, and to logic “1” when it is 19.2
MHz.
PCMPCO
PCM data output of the PCM CODEC.
PCM is output from MSB, synchronizing with the rising edge of BCLKP and SYNCP. This pin is in
a high impedance state except during 8-bit PCM output. (It is also in a high impedance state during
power-down mode.) A pull-up resistor must be connected to this pin because its output is configured
as an open drain.
PCMPCI
PCM data input of the PCM CODEC.
PCM is shifted in at the falling edge of the BCLKP signal. The start of the PCM data (MSB) is
identified at the rising edge of SYNCP.
PCMADO
PCM data output of the ADPCM transcoder.
PCM is the output data after ADPCM decoder processing and is serially output from MSB in
synchronization with the rising edge of BCLKP and SYNCP. However, this signal timing can be
controlled at PCM multiplexing by the control register CR1-B5.
(The time slot 1 or 2 can be selected. Refer to Figs. 2-4.)
This pin is in a high impedance state except during 8-bit PCM output. (It is also in an high impedance
state during power-down mode.) A pull-up resistor must be connected to this pin because its output
is configured as an open drain.
PCMADI
PCM data input of the ADPCM transcoder.
PCM is shifted in at a falling edge of the BCLKP signal and input from MSB. The start of the PCM
data(MSB)isidentifiedattherisingedgeof SYNCP. However,thissignaltimingcanbecontrolledatPCM
multiplexing by the control register CR1-B5.
(The time slot 1 or 2 can be selected. Refer to Figs. 2-4.)
PCMLNO
PCM receive data output of the line echo canceler.
PCM is output from MSB in a sequential order, synchronizing with the rising edge of BCLKP and
SYNCP. However, this signal timing can be controlled at PCM multiplexing by the control
register CR2-B3 to B5.
(The time slot of 1 to 7 can be selected. Refer to Figs. 2-4.)
This pin is in a high impedance state except during 8-bit PCM output. (It is also in a high impedance
state during power-down mode.) A pull-up resistor must be connected to this pin because its output
is configured as an open drain.


Similar Part No. - MSM7718-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7712 OKI-MSM7712 Datasheet
157Kb / 20P
   Wireless LAN Baseband Controller
MSM7715 OKI-MSM7715 Datasheet
150Kb / 21P
   Multi-Function Telecommunication LSI
MSM7716 OKI-MSM7716 Datasheet
163Kb / 22P
   Single Rail Linear CODEC
MSM7716GS-K OKI-MSM7716GS-K Datasheet
163Kb / 22P
   Single Rail Linear CODEC
MSM7716P OKI-MSM7716P Datasheet
155Kb / 23P
   Single Rail Linear CODEC
More results

Similar Description - MSM7718-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
OKI electronic componet...
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
   Echo Canceler
logo
LAPIS Semiconductor Co....
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
   Echo Canceler
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
   2-Channel Echo Canceler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com