Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-U211-00036 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 5082-U211-00036
Description  8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-U211-00036 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  5082-U211-00036 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-U211-00036 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-U211-00036 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-U211-00036 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-U211-00036 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-U211-00036 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-U211-00036 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-U211-00036 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-U211-00036 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Devices
AlGaAs Red
HER
Orange
Yellow
Green
Circuit
HDSP-
HDSP-
HDSP-
HDSP-
HDSP-
Description
Diagram
U101
U201
U401
U301
U501
Common Anode, Right
A
Hand Decimal, Gray Surface
U103
U203
U403
U303
U503
Common Cathode, Right
B
Hand Decimal, Gray Surface
U111
U211
U411
U311
U511
Common Anode, Right
A
Hand Decimal, Black Surface
U113
U213
U413
U313
U513
Common Cathode, Right
B
Hand Decimal, Black Surface
8 mm (0.31 inch) Ultra Mini
Seven Segment Displays
Technical Data
• High Light Output
• High Peak Current
• Excellent for Long Digit
String Multiplexing
• Intensity and Color
Selection Option
Description
The 8 mm (0.31 inch) LED seven
segment displays are Agilent’s
most space-efficient character
size. They are designed for
viewing distances up to 3 metres
(10 feet). The numeric devices
feature a right hand decimal
point. All devices are available as
either common anode or common
cathode.
Typical applications include
appliances, temperature con-
trollers, and digital panel meters.
HDSP-U1xx Series
HDSP-U2xx Series
HDSP-U3xx Series
HDSP-U4xx Series
HDSP-U5xx Series
Features
• Compact Package
• 8 mm (0.31 inch) Character
Height
• Choice of Colors
Wide Range of Colors
• Excellent Appearance
Evenly Lighted Segments
Mitered Corners on Segments
Gray/Black Surface Gives
Optimum Contrast
± 50° Viewing Angle
• Design Flexibility
Common Anode or Common
Cathode
Right Hand Decimal Point
• Categorized for Luminous
Intensity
Yellow and Green also
Categorized for Color
Use of Like Categories Yields
a Uniform Display


Similar Part No. - 5082-U211-00036

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-0001 ASI-5082-0001 Datasheet
17Kb / 1P
   SILICON PIN DIODE CHIP
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
   STEP RECOVERY DIODE CHIP
5082-0008 ASI-5082-0008 Datasheet
32Kb / 1P
   STEP RECOVERY DIODE CHIP
5082-0008 ASI-5082-0008_04 Datasheet
32Kb / 1P
   STEP RECOVERY DIODE CHIP
logo
AVAGO TECHNOLOGIES LIMI...
5082-0012 AVAGO-5082-0012 Datasheet
52Kb / 2P
   PIN Diode Chip for Hybrid MIC Switches/Attenuators
More results

Similar Description - 5082-U211-00036

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U1XX AVAGO-HDSP-U1XX Datasheet
133Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U101 AVAGO-HDSP-U101_12 Datasheet
189Kb / 10P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com