Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78020AAS Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78020AAS
Description  25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78020AAS Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTN78020AAS Datasheet HTML 5Page - Texas Instruments PTN78020AAS Datasheet HTML 6Page - Texas Instruments PTN78020AAS Datasheet HTML 7Page - Texas Instruments PTN78020AAS Datasheet HTML 8Page - Texas Instruments PTN78020AAS Datasheet HTML 9Page - Texas Instruments PTN78020AAS Datasheet HTML 10Page - Texas Instruments PTN78020AAS Datasheet HTML 11Page - Texas Instruments PTN78020AAS Datasheet HTML 12Page - Texas Instruments PTN78020AAS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
PTN78020A
SLTS244A – APRIL 2005 – REVISED MAY 2005
Table 2. Output Voltage Set-Point Resistor Values
VO Required
RSET
VO Required
RSET
VO Required
RSET
–15.0 V
99
–11.9 V
2.09 k
–8.8 V
6.21 k
–14.9 V
147
–11.8 V
2.18 k
–8.6 V
6.63 k
–14.8 V
196
–11.7 V
2.27 k
–8.4 V
7.09 k
–14.7 V
245
–11.6 V
2.36 k
–8.2 V
7.58 k
–14.6 V
296
–11.5 V
2.45 k
–8.0 V
8.11 k
–14.5 V
347
–11.4 V
2.55 k
–7.8 V
8.68 k
–14.4 V
400
–11.3 V
2.65 k
–7.6 V
9.30 k
–14.3 V
453
–11.2 V
2.75 k
–7.4 V
9.98 k
–14.2 V
507
–11.1 V
2.82 k
–7.2 V
10.7 k
–14.1 V
562
–11.0 V
2.96 k
–7.0 V
11.5 k
–14.0 V
619
–10.9 V
3.07 k
–6.8 V
12.4 k
–13.9 V
676
–10.8 V
3.18 k
–6.6 V
13.4 k
–13.8 V
734
–10.7 V
3.29 k
–6.4 V
14.6 k
–13.7 V
794
–10.6 V
3.41 k
–6.2 V
15.8 k
–13.6 V
854
–10.5 V
3.53 k
–6.0 V
17.3 k
–13.5 V
916
–10.4 V
3.65 k
–5.8 V
18.9 k
–13.4 V
979
–10.3 V
3.78 k
–5.6 V
20.7 k
–13.3 V
1.04 k
–10.2 V
3.91 k
–5.4 V
22.9 k
–13.2 V
1.11 k
–10.1 V
4.04 k
–5.2 V
25.6 k
–13.1 V
1.18 k
–10.0 V
4.18 k
–5.0 V
28.7 k
–13.0 V
1.24 k
–9.9 V
4.33 k
–4.8 V
32.5 k
–12.9 V
1.31 k
–9.8 V
4.47 k
–4.6 V
37.2 k
–12.8 V
1.38 k
–9.7 V
4.62 k
–4.4 V
43.4 k
–12.7 V
1.46 k
–9.6 V
4.78 k
–4.2 V
51.6 k
–12.6 V
1.52 k
–9.5 V
4.94 k
–4.0 V
63.0 k
–12.5 V
1.60 k
–9.4 V
5.10 k
–3.8 V
80.1 k
–12.4 V
1.68 k
–9.3 V
5.27 k
–3.6 V
109 k
–12.3 V
1.76 k
–9.2 V
5.45 k
–3.4 V
166 k
–12.2 V
1.84 k
–9.1 V
5.63 k
–3.2 V
338 k
–12.1 V
1.92 k
–9.0 V
5.82 k
–3.0 V
OPEN
–12.0 V
2.01 k
–8.9 V
6.01 k
9


Similar Part No. - PTN78020AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020AAST TI-PTN78020AAST Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
More results

Similar Description - PTN78020AAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020A TI-PTN78020A_15 Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com