Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7445DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7445DP
Description  P-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7445DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7445DP Datasheet HTML 1Page - Vishay Siliconix SI7445DP Datasheet HTML 2Page - Vishay Siliconix SI7445DP Datasheet HTML 3Page - Vishay Siliconix SI7445DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si7445DP
Vishay Siliconix
www.vishay.com
2
Document Number: 71626
S-31728—Rev. B, 18-Aug-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 mA
- 0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 16 V, VGS = 0 V
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = - 16 V, VGS = 0 V, TJ = 70_C
-10
mA
On-State Drain Currenta
ID(on)
VDS v -5 V, VGS = - 4.5 V
-40
A
VGS = - 4.5 V, ID = - 19 A
0.0064
0.0077
Drain-Source On-State Resistancea
rDS(on)
VGS = - 2.5 V, ID = - 17 A
0.0078
0.0094
W
DS(on)
VGS = - 1.8 V, ID = - 10 A
0.0105
0.0125
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 19 A
75
S
Diode Forward Voltagea
VSD
IS = - 4.3 A, VGS = 0 V
- 0.65
- 1.1
V
Dynamicb
Total Gate Charge
Qg
92
140
Gate-Source Charge
Qgs
VDS = - 15 V, VGS = - 5 V, ID = - 19 A
19
nC
Gate-Drain Charge
Qgd
16.5
Gate-Resistance
Rg
1
2
3.4
W
Turn-On Delay Time
td(on)
40
60
Rise Time
tr
VDD = - 15 V, RL = 15 W
45
65
Turn-Off Delay Time
td(off)
VDD = - 15 V, RL = 15 W
ID ^ - 1 A, VGEN = - 4.5 V, RG = 6 W
400
600
ns
Fall Time
tf
190
290
Source-Drain Reverse Recovery Time
trr
IF = - 4.3 A, di/dt = 100 A/ms
50
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
0
2468
10
VGS = 5 thru 2 V
25
_C
TC = 125_C
-55
_C
1.5 V
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)


Similar Part No. - SI7445DP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI7445DP-T1-GE3 VBSEMI-SI7445DP-T1-GE3 Datasheet
986Kb / 7P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SI7445DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com