Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHS5443T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTHS5443T1G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHS5443T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NTHS5443T1G Datasheet HTML 1Page - ON Semiconductor NTHS5443T1G Datasheet HTML 2Page - ON Semiconductor NTHS5443T1G Datasheet HTML 3Page - ON Semiconductor NTHS5443T1G Datasheet HTML 4Page - ON Semiconductor NTHS5443T1G Datasheet HTML 5Page - ON Semiconductor NTHS5443T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTHS5443
http://onsemi.com
5
PACKAGE DIMENSIONS
ChipFET
t
CASE 1206A−03
ISSUE G
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
E
A
b
e
e1
D
1
234
8
765
c
L
1
2
3
4
8
7
6
5
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MOLD GATE BURRS SHALL NOT EXCEED 0.13 MM PER SIDE.
4. LEADFRAME TO MOLDED BODY OFFSET IN HORIZONTAL
AND VERTICAL SHALL NOT EXCEED 0.08 MM.
5. DIMENSIONS A AND B EXCLUSIVE OF MOLD GATE BURRS.
6. NO MOLD FLASH ALLOWED ON THE TOP AND BOTTOM LEAD
SURFACE.
0.05 (0.002)
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
1.00
1.05
1.10
0.039
INCHES
b
0.25
0.30
0.35
0.010
c
0.10
0.15
0.20
0.004
D
2.95
3.05
3.10
0.116
E
1.55
1.65
1.70
0.061
e
0.65 BSC
e1
0.55 BSC
L
0.28
0.35
0.42
0.011
0.041
0.043
0.012
0.014
0.006
0.008
0.120
0.122
0.065
0.067
0.025 BSC
0.022 BSC
0.014
0.017
NOM
MAX
1.80
1.90
2.00
0.071
0.075
0.079
H E
5
° NOM
q
5
° NOM
HE
q
STYLE 1:
PIN 1. DRAIN
2. DRAIN
3. DRAIN
4. GATE
5. SOURCE
6. DRAIN
7. DRAIN
8. DRAIN
0.457
0.018
2.032
0.08
0.635
0.025
0.66
0.026
0.711
0.028
mm
inches
SCALE 20:1
0.178
0.007
2.032
0.08
1.727
0.068
0.66
0.026
0.711
0.028
mm
inches
SCALE 20:1
Styles 1 and 4
Basic
0.457
0.018
SOLDERING FOOTPRINT*


Similar Part No. - NTHS5443T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS5441 ONSEMI-NTHS5441 Datasheet
66Kb / 6P
   ??0 V, ??.3 A, P?묬hannel ChipFET
July, 2005 ??Rev. 13
NTHS5441T1 ONSEMI-NTHS5441T1 Datasheet
66Kb / 6P
   ??0 V, ??.3 A, P?묬hannel ChipFET
July, 2005 ??Rev. 13
NTHS5441T1G ONSEMI-NTHS5441T1G Datasheet
66Kb / 6P
   ??0 V, ??.3 A, P?묬hannel ChipFET
July, 2005 ??Rev. 13
NTHS5445T1 ONSEMI-NTHS5445T1 Datasheet
206Kb / 8P
   Power MOSFET P?묬hannel ChipFET-TM
February, 2005 ??Rev. XXX
More results

Similar Description - NTHS5443T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com