Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7715 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM7715
Description  Multi-Function Telecommunication LSI
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7715 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM7715 Datasheet HTML 5Page - OKI electronic componets MSM7715 Datasheet HTML 6Page - OKI electronic componets MSM7715 Datasheet HTML 7Page - OKI electronic componets MSM7715 Datasheet HTML 8Page - OKI electronic componets MSM7715 Datasheet HTML 9Page - OKI electronic componets MSM7715 Datasheet HTML 10Page - OKI electronic componets MSM7715 Datasheet HTML 11Page - OKI electronic componets MSM7715 Datasheet HTML 12Page - OKI electronic componets MSM7715 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
¡ Semiconductor
MSM7715
9/21
AC Characteristics
Parameter
Min.
Unit
VAOUT
Output Load Resistance
Condition
Symbol
Typ.
Max.
RLX
RLVR1
RLAO
ROX
RAI
20
40
30
100
10
1.1
Resistor between VR1 and SGO
AOUT
AOUT, MOD, DTO, GAT2, VR1, SGO
GAT1, AIN
(VDD = 2.5 V to 3.6 V, Ta = –40°C to +85°C)
Output Impedance
Input Impedance
Output DC Potential
Out-of-band Output Noise
VSG
VDCAO
VREF
VS1
VS2
VS3
MOD, DTO, GAT2
AOUT
SGO
AOUT
Potential difference between VR1 and SGO
Measured at AOUT
4 kHz to 8 kHz
8 kHz to 12 kHz
every 4 kHz
VDD/2–0.1 VDD/2 VDD/2+0.1
—VDD/2
0.7
0.75
0.8
–45
–65
–70
–60
Vp-p
kW
W
MW
V
dBm
Transmit Signal Output Level
bandwidth of
12 kHz or more
R1= 30 kW
C4 = 680 pF


Similar Part No. - MSM7715

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7712 OKI-MSM7712 Datasheet
157Kb / 20P
   Wireless LAN Baseband Controller
MSM7716 OKI-MSM7716 Datasheet
163Kb / 22P
   Single Rail Linear CODEC
MSM7716GS-K OKI-MSM7716GS-K Datasheet
163Kb / 22P
   Single Rail Linear CODEC
MSM7716P OKI-MSM7716P Datasheet
155Kb / 23P
   Single Rail Linear CODEC
MSM7716PMB OKI-MSM7716PMB Datasheet
155Kb / 23P
   Single Rail Linear CODEC
More results

Similar Description - MSM7715

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6889 OKI-MSM6889 Datasheet
173Kb / 21P
   Multi-Function Telecommunication LSI
logo
Panasonic Semiconductor
MN66710 PANASONIC-MN66710 Datasheet
197Kb / 19P
   Full-Function DAB Receiver LSI
logo
Vectron International, ...
C1209 VECTRON-C1209 Datasheet
71Kb / 4P
   Telecommunication 5x3.2 ceramic oscillator Universal Clock Enable Function
C1259 VECTRON-C1259 Datasheet
72Kb / 4P
   Telecommunication 5x7 ceramic oscillator Universal Clock Enable Function
logo
Toshiba Semiconductor
TC9134P TOSHIBA-TC9134P Datasheet
1Mb / 18P
   32-FUNCTION REMOTE CONTROL RECEIVING LSI
logo
List of Unclassifed Man...
BL1R ETC2-BL1R Datasheet
611Kb / 3P
   Multi-function or mono-function
BM1R ETC2-BM1R Datasheet
772Kb / 4P
   Multi-function or mono-function
logo
Mitsubishi Electric Sem...
MF-10KSXA MITSUBISHI-MF-10KSXA Datasheet
122Kb / 1P
   10Gb/s, XFP Transceiver with DDM function for Telecommunication
logo
List of Unclassifed Man...
BM2R ETC2-BM2R Datasheet
774Kb / 4P
   Multi-function or mono-function
BA1R ETC2-BA1R Datasheet
570Kb / 4P
   Multi-function or mono-function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com