Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1782 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1782
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1782 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1782 Datasheet HTML 1Page - Texas Instruments PCM1782 Datasheet HTML 2Page - Texas Instruments PCM1782 Datasheet HTML 3Page - Texas Instruments PCM1782 Datasheet HTML 4Page - Texas Instruments PCM1782 Datasheet HTML 5Page - Texas Instruments PCM1782 Datasheet HTML 6Page - Texas Instruments PCM1782 Datasheet HTML 7Page - Texas Instruments PCM1782 Datasheet HTML 8Page - Texas Instruments PCM1782 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1780, PCM1781, PCM1782
SLES132A – MARCH 2005 – REVISED APRIL 2005
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,
Audio Digital-to-Analog Converter
A/V Receivers
24-Bit Resolution
DVD Movie Players
Analog Performance (VCC = 5 V):
DVD Add-On Cards For High-End PCs
– Dynamic Range: 106 dB
DVD Audio Players
– SNR: 106 dB, Typical
HDTV Receivers
– THD+N: 0.002%, Typical
Car Audio Systems
– Full-Scale Output: 3.9 Vp-p, Typical
Other Applications Requiring 24-Bit Audio
4×/8× Oversampling Digital Filter:
– Stop-Band Attenuation: –50 dB
– Pass-Band Ripple: ±0.04 dB
The PCM1780/81/82 is a CMOS, monolithic, inte-
Sampling Frequency: 5 kHz to 200 kHz
grated circuit, which includes stereo digital-to-analog
converters and support circuitry in a small 16-lead
System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
SSOP package. The data converters use TI’s en-
512 fS, 768 fS, 1152 fS With Autodetect
hanced multilevel delta-sigma architecture to achieve
Software Control (PCM1780, PCM1782):
excellent dynamic performance and improved toler-
– Accepts 16-, 18-, 20-, and 24-Bit Audio Data
ance to clock jitter. The PCM1780/81/82 accepts
industry standard audio data formats with 16- to
– Formats: Right-Justified, I
2S, and
24-bit data, providing easy interfacing to audio DSP
Left-Justified
and decoder chips. Sampling rates up to 200 kHz are
– Digital Attenuation: Mode Selectable
supported. The PCM1780/82 provides a full set of
• 0 dB to –63 dB, 0.5 dB/step
user-programmable functions through a three-wire
serial control port, which supports register write
• 0 dB to –100 dB, 1 dB/step
functions. The PCM1781 provides a subset of
– Digital De-Emphasis
user-programmable functions through four control
– Digital Filter Rolloff: Sharp or Slow
pins.
– Soft Mute
The PCM1780 is pin-compatible with the PCM1680
– Zero Flags for Each Output
(8-channel DAC).
– Open-Drain Output Zero Flag (PCM1782)
Hardware Control (PCM1781):
– I
2S and 16-Bit Word, Right-Justified
– Digital De-Emphasis
– Soft Mute
– Zero Flag for L-, R-Channel Common Output
Power Supply: 5-V Single Supply
Small, 16-Lead SSOP Package (150 mil)
Pin-Compatible with PCM1680
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1782

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1782 TI1-PCM1782 Datasheet
724Kb / 35P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1782DBQ TI1-PCM1782DBQ Datasheet
724Kb / 35P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1782DBQR TI1-PCM1782DBQR Datasheet
724Kb / 35P
[Old version datasheet]   Audio Digital-to-Analog Converter
More results

Similar Description - PCM1782

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
[Old version datasheet]   24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
[Old version datasheet]   24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com