Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV1665 Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IS41LV1665
Description  64K x16 bit Dynamic RAM with Fast Page Mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41LV1665 Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button IS41LV1665 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41LV1665 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41LV1665 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41LV1665 Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41LV1665 Datasheet HTML 9Page - Integrated Circuit Solution Inc IS41LV1665 Datasheet HTML 10Page - Integrated Circuit Solution Inc IS41LV1665 Datasheet HTML 11Page - Integrated Circuit Solution Inc IS41LV1665 Datasheet HTML 12Page - Integrated Circuit Solution Inc IS41LV1665 Datasheet HTML 13Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
IC41C1665
IC41LV1665
Integrated Circuit Solution Inc.
9
DR031-0A 10/17/2001
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-25
-30
-35
-40
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Units
tACH
Column-Address Setup Time to
CAS
15
15
15
15
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
4
4
4
5
ns
READ-MODIFY-WRITEcycle(18)
tDS
Data-In Setup Time(15, 22)
0
0
0
0
ns
tDH
Data-In Hold Time(15,22)
5
5
5
5
ns
tRWC
READ-MODIFY-WRITECycleTime
65
85
95
105
ns
tRWD
RAS to WE Delay Time during
34
46
51
56
ns
READ-MODIFY-WRITECycle(14)
tCWD
CAS to WE Delay Time(14,20)
17
25
26
27
ns
tAWD
Column-Address to
WE Delay Time(14)
21
32
34
36
ns
tPC
Fast Page Mode READ or WRITE
15
20
23
25
ns
CycleTime(24)
tRASP
Fast Page Mode
RAS Pulse Width
25
10k
30
10K
35
10K
40
10K
ns
tCPA
Access Time from
CAS Precharge(15)
—14
18
—20
22
ns
tPRWC
Fast Page Mode READ-WRITE Cycle Time(24)
37
42
49
52
ns
tOFF
Output Buffer Turn-Off Delay from
3
15
3
15
3
15
3
15
ns
CAS or RAS(13,15,19,29)
tCLCH
Last
CAS going LOW to First CAS
4
9
10
11
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR REFRESH)(30,20)
5
10
10
10
ns
tCHR
CAS Hold Time (CBR REFRESH)(30,21)
7
10
10
10
ns
tORD
OE Setup Time prior to RAS during
0
0
0
0
ns
HIDDENREFRESHCycle
tREF
Refresh Period (256 Cycles)
—4
4
4
4ms
tT
Transition Time (Rise or Fall)(2,3)
150
1
50
150
1
50
ns
AC TEST CONDITIONS
Output load:
Two TTL Loads and 50 pF (Vcc = 5.0V ±10%)
One TTL Load and 50 pF (Vcc = 3.3V ±10%)
Input timing reference levels: VIH = 2.4V, VIL = 0.8V (Vcc = 5.0V ±10%);
VIH = 2.0V, VIL = 0.8V (Vcc = 3.3V ±10%)
Output timing reference levels: VOH = 2.0V, VOL = 0.8V (Vcc = 5V ±10%, 3.3V ±10%)


Similar Part No. - IS41LV1665

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16100 ISSI-IS41LV16100 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50K ISSI-IS41LV16100-50K Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50KI ISSI-IS41LV16100-50KI Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100-50T ISSI-IS41LV16100-50T Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV1665

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4164B SAMSUNG-KM4164B Datasheet
653Kb / 11P
   64K X 1 BIT DYNAMIC RAM WITH PAGE MODE
KM41464A SAMSUNG-KM41464A Datasheet
775Kb / 12P
   64K X 4 BIT DYNAMIC RAM WITH PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV44052 ICSI-IC41SV44052 Datasheet
298Kb / 17P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C44054 ICSI-IC41C44054 Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com