Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4707EXT-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4707EXT-T
Description  Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4707EXT-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4707EXT-T Datasheet HTML 2Page - Maxim Integrated Products MAX4707EXT-T Datasheet HTML 3Page - Maxim Integrated Products MAX4707EXT-T Datasheet HTML 4Page - Maxim Integrated Products MAX4707EXT-T Datasheet HTML 5Page - Maxim Integrated Products MAX4707EXT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4707EXT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4707EXT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4707EXT-T Datasheet HTML 9Page - Maxim Integrated Products MAX4707EXT-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Detailed Description
The MAX4706/MAX4707 SPST switches operate from a
single supply ranging from 1.8V to 5.5V. The MAX4706
is a normally closed (NC) switch and the MAX4707 is
the normally open (NO) version. These switches provide
3.5Ω on-resistance (RON) and 0.9Ω RON flatness with a
+2.7V supply. These devices typically consume only
0.02µA of quiescent current, making them suitable for
use in low-power, portable applications. The
MAX4706/MAX4707 feature low-leakage currents over
the entire temperature range, TTL/CMOS-compatible
digital logic, and excellent AC characteristics.
The MAX4706/MAX4707 are offered in small 5-pin and
6-pin SC70 and 6-pin µDFN packages.
Applications Information
The MAX4706/MAX4707 operate from a single +1.8V to
+5.5V supply. The MAX4706/MAX4707 accept bipolar
input signals when V+ and GND are biased from bipolar
supplies. For example, the switch accepts a 1VP-P input
when V+ = 2V and GND = -2V. ESD-protection diodes
are internally connected between each analog switch
terminal and both V+ and GND. One of these diodes
conducts if any analog signal is greater than V+ or less
than GND (Figure 1). Virtually all analog leakage current
is attributed to the ESD diodes. Each diode is biased by
the analog signal and either V+ or GND. The ESD
diodes’ leakage currents vary as the signal changes.
Power-Supply Sequencing and
Overvoltage Protection
Caution: Do not exceed the absolute maximum
ratings because stresses beyond the listed ratings
may cause permanent damage to the device.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals, especially if the analog signal is not
current-limited.
Low-Voltage, 2Ω, SPST,
CMOS Analog Switches
6
_______________________________________________________________________________________
V+
POSITIVE SUPPLY
D1
D2
N0
Vg
GND
COM
MAX4706
MAX4707
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes
tr < 5ns
tf < 5ns
50%
0V
LOGIC
INPUT
RL
NO
OR NC
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN
V+
tOFF
0V
COM
SWITCH
OUTPUT
0.9 x V0UT
0.9 x V0UT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
V+
VOUT
VCOM
MAX4706
MAX4707
Figure 2. Switching Time


Similar Part No. - MAX4707EXT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX470 MAXIM-MAX470 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4700 MAXIM-MAX4700 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4700CAE MAXIM-MAX4700CAE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4700CPE MAXIM-MAX4700CPE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4700CWE MAXIM-MAX4700CWE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX4707EXT-T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
ADG741 AD-ADG741 Datasheet
118Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV. 0
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4645 MAXIM-MAX4645_V01 Datasheet
346Kb / 11P
   Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com