Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61LV256-12JG Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC61LV256-12JG
Description  32K x 8 Hight Speed SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV256-12JG Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC61LV256-12JG Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV256-12JG Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV256-12JG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV256-12JG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV256-12JG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV256-12JG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV256-12JG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV256-12JG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV256-12JG Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IC61LV256
Integrated Circuit Solution Inc.
5
AHSR027-0B
11/28/2003
AC TEST LOADS
Figure 1.
Figure 2.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Levels
Output Load
See Figures 1 and 2
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tRC
Read Cycle Time
8
10
12
15
ns
tAA
Address Access Time
8
10
12
15
ns
tOHA
Output Hold Time
2
2
2
2
ns
tACE
CE Access Time
8
10
12
15
ns
tDOE
OE Access Time
4
5
6
7
ns
tLZOE(2) OE to Low-Z Output
0
0
0
0
ns
tHZOE(2) OE to High-Z Output
4
5
5
6
ns
tLZCE(2) CE to Low-Z Output
3
3
3
3
ns
tHZCE(2) CE to High-Z Output
4
5
6
7
ns
tPU(3)
CE to Power-Up
0
0
0
0
ns
tPD(4)
CE to Power-Down
8
10
12
15
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse
levels of 0 to 3.0V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±200 mV from steady-state voltage. Not 100%
tested.
3. Not 100% tested.
319
30 pF
Including
jig and
scope
353
OUTPUT
3.3V
319
5 pF
Including
jig and
scope
353
OUTPUT
3.3V


Similar Part No. - IC61LV256-12JG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10B ICSI-IC61LV25616-10B Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10BI ICSI-IC61LV25616-10BI Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10K ICSI-IC61LV25616-10K Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10KI ICSI-IC61LV25616-10KI Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IC61LV256-12JG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV2568 ICSI-IC61LV2568 Datasheet
252Kb / 9P
   256K x 8 Hight Speed SRAM with 3.3V
IC61LV6416 ICSI-IC61LV6416 Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC62LV256 ICSI-IC62LV256 Datasheet
88Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC62LV256L ICSI-IC62LV256L Datasheet
110Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com