Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61LV256-12J Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC61LV256-12J
Description  32K x 8 Hight Speed SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV256-12J Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

  IC61LV256-12J Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV256-12J Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV256-12J Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV256-12J Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV256-12J Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV256-12J Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV256-12J Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV256-12J Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV256-12J Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IC61LV256
Integrated Circuit Solution Inc.
7
AHSR027-0B
11/28/2003
AC WAVEFORMS
WRITE CYCLE NO. 1 (CE Controlled, OE is HIGH or LOW) (1 )
DATA UNDEFINED
t WC
VALID ADDRESS
t SCE
t PWE1
t PWE2
t AW
t HA
HIGH-Z
t HD
t SA
t HZWE
ADDRESS
CE
WE
DOUT
DIN
DATAIN VALID
t LZWE
t SD
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tWC
Write Cycle Time
8
10
12
15
ns
tSCE
CE to Write End
7
8
8
10
ns
tAW
Address Setup Time
7
8
8
10
ns
to Write End
tHA
Address Hold
0
0
0
0
ns
from Write End
tSA
Address Setup Time
0
0
0
0
ns
tPWE(4) WE Pulse Width
7
10
12
15
ns
tSD
Data Setup to Write End
4.5
5
6
7
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE(3) WE LOW to High-Z Output
3.5
4
6
7
ns
tLZWE(3) WE HIGH to Low-Z Output
0
0
0
0
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse
levels of 0 to 3.0V and output loading specified in Figure 1.
2. The internal write time is defined by the overlap of CE LOW and WE LOW. All signals must be in valid
states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold
timing are referenced to the rising or falling edge of the signal that terminates the Write.
3. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100%
tested.
4. Tested with OE HIGH.


Similar Part No. - IC61LV256-12J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10B ICSI-IC61LV25616-10B Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10BI ICSI-IC61LV25616-10BI Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10K ICSI-IC61LV25616-10K Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10KI ICSI-IC61LV25616-10KI Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IC61LV256-12J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV2568 ICSI-IC61LV2568 Datasheet
252Kb / 9P
   256K x 8 Hight Speed SRAM with 3.3V
IC61LV6416 ICSI-IC61LV6416 Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC62LV256 ICSI-IC62LV256 Datasheet
88Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC62LV256L ICSI-IC62LV256L Datasheet
110Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com